Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM375WHS06-S000 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DIM375WHS06-S000
Description  Half Bridge IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM375WHS06-S000 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DIM375WHS06-S000 Datasheet HTML 1Page - Dynex Semiconductor DIM375WHS06-S000 Datasheet HTML 2Page - Dynex Semiconductor DIM375WHS06-S000 Datasheet HTML 3Page - Dynex Semiconductor DIM375WHS06-S000 Datasheet HTML 4Page - Dynex Semiconductor DIM375WHS06-S000 Datasheet HTML 5Page - Dynex Semiconductor DIM375WHS06-S000 Datasheet HTML 6Page - Dynex Semiconductor DIM375WHS06-S000 Datasheet HTML 7Page - Dynex Semiconductor DIM375WHS06-S000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DIM375WHS06-S000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
5/8
www.dynexsemi.com
TYPICAL CHARACTERISTICS
Fig.3 Typical output characteristics
Fig.4 Typical output characteristics
0
Collector-emitter voltage, Vce - (V)
100
200
300
400
700
600
500
0
1.0
2.0
3.0
4.0
5.0
6.0
Common emitter
Tcase = 125˚C
Vce is measured at power
busbars and not the
auxiliary terminals
VGE = 10V
VGE = 12V
VGE = 15V
VGE = 20V
0
100
200
300
400
700
01
2.0
3
4
5
Collector-emitter voltage, Vce - (V)
600
500
Common emitter
Tcase = 25˚C
Vce is measured at power
busbars and not the
auxiliary terminals
VGE = 10V
VGE = 12V
VGE = 15V
VGE = 20V
Fig.4 Typical switching energy vs collector current
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
Collector current, IC - (A)
Conditions:
Tcase = 125ºC
Vcc = 300V
Rg = 4.7 ohms
Eon
Eoff
Erec
Fig.5 Typical switching energy vs gate resistance
0
10
20
30
40
50
60
2
10121416
Gate resistance, Rg - (Ohms)
468
Eoff
Eon
Erec


Similar Part No. - DIM375WHS06-S000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM375WKS06-S000 DYNEX-DIM375WKS06-S000 Datasheet
148Kb / 8P
   IGBT Chopper Module (Upper Arm Control)
More results

Similar Description - DIM375WHS06-S000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
   IGBT Half Bridge Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
GP350MHB06S DYNEX-GP350MHB06S Datasheet
126Kb / 10P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000_15 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
143Kb / 9P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com