Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHCS400 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZHCS400
Description  SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS400 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZHCS400_07 Datasheet HTML 1Page - Zetex Semiconductors ZHCS400_07 Datasheet HTML 2Page - Zetex Semiconductors ZHCS400_07 Datasheet HTML 3Page - Zetex Semiconductors ZHCS400_07 Datasheet HTML 4Page - Zetex Semiconductors ZHCS400_07 Datasheet HTML 5Page - Zetex Semiconductors ZHCS400_07 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZHCS400
SEMICO NDUC TORS
6
ISSUE 4 - MARCH 2007
Europe
Zetex GmbH
Kustermann-Park
Balanstraße 59
D-81541 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2007
PACKAGE OUTLINE
DIM
Millimeters
DIM
Millimeters
Min
Max
Min
Max
A
0.91
1.16
E
0.127
0.2
B
-
0.1
F
1.52
1.77
C
-
-
G
1.11
1.37
D
0.33
0.4
H
2.46
2.71
PACKAGE DIMENSIONS


Similar Part No. - ZHCS400_07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZHCS400Q DIODES-ZHCS400Q Datasheet
387Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400QTA DIODES-ZHCS400QTA Datasheet
431Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400QTA DIODES-ZHCS400QTA Datasheet
387Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400QTC DIODES-ZHCS400QTC Datasheet
387Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS400TA DIODES-ZHCS400TA Datasheet
165Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - ZHCS400_07

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS756 ZETEX-ZHCS756 Datasheet
161Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS400 ZETEX-ZHCS400 Datasheet
50Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS500 ZETEX-ZHCS500 Datasheet
102Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS506 ZETEX-ZHCS506 Datasheet
101Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 ZETEX-ZHCS750 Datasheet
165Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
Diodes Incorporated
ZHCS756 DIODES-ZHCS756 Datasheet
173Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS400 DIODES-ZHCS400 Datasheet
142Kb / 6P
   SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
ZHCS506 DIODES-ZHCS506 Datasheet
112Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 DIODES-ZHCS750 Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
SUNMATE electronic Co.,...
ZHCS400 SUNMATE-ZHCS400 Datasheet
731Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com