Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTL431BH6TA Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZTL431BH6TA
Description  Cost effective adjustable precision shunt regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTL431BH6TA Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZTL431BH6TA Datasheet HTML 2Page - Zetex Semiconductors ZTL431BH6TA Datasheet HTML 3Page - Zetex Semiconductors ZTL431BH6TA Datasheet HTML 4Page - Zetex Semiconductors ZTL431BH6TA Datasheet HTML 5Page - Zetex Semiconductors ZTL431BH6TA Datasheet HTML 6Page - Zetex Semiconductors ZTL431BH6TA Datasheet HTML 7Page - Zetex Semiconductors ZTL431BH6TA Datasheet HTML 8Page - Zetex Semiconductors ZTL431BH6TA Datasheet HTML 9Page - Zetex Semiconductors ZTL431BH6TA Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ZTL431, ZTL432
Issue 8 - April 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Application cicuits
VON~ 2V
VOFF = V+
VTH = 2.5V
Output
V+
Input
R1
R2
VOUT
VOUT
V+
VREF
VREF
R1
R2
VOUT
VOUT
V+
VREF
VREF
R1
R2
VOUT
VOUT
V+
VREF
VREF
VOUT(MIN) = VREF + VREG
In
Out
Common
ZSR***
0.01 F
30
R1
R2
VREF
V+
VOUT
VOUT
VREF
R1
R1
R2b
R2a
VREF
VREF
VREF
VREF
V+
Output
Shunt regulator
Output control of a three
terminal fixed regulator
Single supply comparator
with temperature
compensated threshold
Higher current shunt
regulator
Series regulator
Over voltage / under voltage
protection circuit


Similar Part No. - ZTL431BH6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL431BH6TA ZETEX-ZTL431BH6TA Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431BH6TA DIODES-ZTL431BH6TA Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
ZTL431BH6TA DIODES-ZTL431BH6TA Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - ZTL431BH6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com