Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD323 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # SOD323
Description  Thermal Resistance and Derating Information
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

SOD323 Datasheet(HTML) 1 Page - Zetex Semiconductors

  SOD323 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOD323 (330mW) Derating
SOD323 (250mW) Derating
100us
Pulse Width
Transient Thermal Resistance
0
D=1
D=0.2
D=0.1
D=0.05
D=0.5
Single Pulse
D=t1
tP
t1
tP
1ms
10ms 100ms
1s
10s
100s
100
200
300
400
SOD323 330mW devices
j-a=380°C/W
Mounted on a FR4 PCB measuring
10 x 8 x 0.6mm (still air)
100u
DC=0.1
100
DC=0.2
0
Pulse Width
Transient Thermal Resistance
Single Pulse
DC=1
DC=0.5
1m
10m
100m
1
10
100
D=t1
tP
t1
tP
1k
200
300
400
SOD323 250mW devices
150
0
400m
200m
0
TA - Ambient Temperature (°C)
50
100
j-a=400°C/W
Mounted on a FR4 PCB measuring
10 x 8 x 0.6mm (still air)
SOD323 Thermal Resistance and Derating Information


Similar Part No. - SOD323

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SOD323 ZETEX-SOD323 Datasheet
189Kb / 3P
   Surface mounted, 2 pin package
logo
NXP Semiconductors
SOD323 NXP-SOD323 Datasheet
121Kb / 8P
   Low-leakage diode
2004 Jan 26
logo
Amkor Technology
SOD323-FL AMKOR-SOD323-FL Datasheet
459Kb / 2P
   Interconnect - Cu clips technology for better electrical and thermal
logo
Diodes Incorporated
SOD323F DIODES-SOD323F Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
SOD323F DIODES-SOD323F Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
More results

Similar Description - SOD323

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SM8 ZETEX-SM8 Datasheet
76Kb / 1P
   Thermal Resistance and Derating Information
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
MSOP8 ZETEX-MSOP8 Datasheet
95Kb / 1P
   Thermal Resistance and Derating Information
SOT89 ZETEX-SOT89 Datasheet
67Kb / 1P
   Thermal Resistance and Derating Information
SOT23-6 ZETEX-SOT23-6 Datasheet
75Kb / 1P
   Thermal Resistance and Derating Information
SOT223 ZETEX-SOT223 Datasheet
218Kb / 1P
   Thermal Resistance and Derating Information
logo
SunLED Corporation
XSM2DG983W SUNLED-XSM2DG983W Datasheet
226Kb / 3P
   Low power consumption and thermal resistance
XSM2CRK983W SUNLED-XSM2CRK983W Datasheet
233Kb / 3P
   Low power consumption and thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com