Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59890C0120A070 Datasheet(PDF) 6 Page - EPCOS

Part # B59890C0120A070
Description  Overcurrent Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59890C0120A070 Datasheet(HTML) 6 Page - EPCOS

Back Button B59890C0120A070 Datasheet HTML 2Page - EPCOS B59890C0120A070 Datasheet HTML 3Page - EPCOS B59890C0120A070 Datasheet HTML 4Page - EPCOS B59890C0120A070 Datasheet HTML 5Page - EPCOS B59890C0120A070 Datasheet HTML 6Page - EPCOS B59890C0120A070 Datasheet HTML 7Page - EPCOS B59890C0120A070 Datasheet HTML 8Page - EPCOS B59890C0120A070 Datasheet HTML 9Page - EPCOS B59890C0120A070 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
79
10/02
Characteristics (typical) for TRef = 120 °C
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IN versus ambient temperature TA
(measured in still air)
0
PTC
R
PTC
T
TPT0724-X
B59830C0120A070
B59840C0120A070
B59850C0120A070
˚C
10 0
10 1
10 2
10 3
50
100
150
200
250
4
10
10 5
7
10
B59860C0120A070
B59860C0120A470
0,1
PTC
I
PTC
V
TPT0726-E
5
1
10
100
1000
V
10 1
2
10
2
mA
B59830C0120A070
B59840C0120A070
B59850C0120A070
B59860C0120A070
5
5
B59860C0120A470
0
S
t
S
I
TPT0725-6
A
10
_1
10 0
10 1
2
10
10 3
s
4
812
16
B59850C0120A070
B59860C0120A070
B59830C0120A070
B59840C0120A070
B59860C0120A470
20
A
T
TPT0731-F
0_
0
20 40 60 80 100 120
˚C 160
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
2,0
N, 25 ˚C
I
IN, T
A
B598**
C 810 … C 890
Leaded Disks, Coated, 230 V
Overcurrent Protection


Similar Part No. - B59890C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59890C0120A070 EPCOS-B59890C0120A070 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59890C0120A070 EPCOS-B59890C0120A070 Datasheet
673Kb / 1P
   PTC thermistors for overcurrent protection
B59890C0120A070 EPCOS-B59890C0120A070 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59890C0120A070 EPCOS-B59890C0120A070 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59890C0120A070 EPCOS-B59890C0120A070 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59890C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
   Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
   Overcurrent protection
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
   Overcurrent protection
November 2010 Rev 1
logo
Tyco Electronics
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
   Overcurrent Protection Device
TRF600-150-RB MACOM-TRF600-150-RB Datasheet
88Kb / 1P
   Overcurrent Protection Device
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
   Overcurrent Protection Device
TRF250-180S MACOM-TRF250-180S Datasheet
84Kb / 1P
   Overcurrent Protection Device
logo
Littelfuse
AGRF700 LITTELFUSE-AGRF700 Datasheet
353Kb / 2P
   Overcurrent Protection Device
AGRF1200 LITTELFUSE-AGRF1200 Datasheet
355Kb / 2P
   Overcurrent Protection Device
RHEF1400 LITTELFUSE-RHEF1400 Datasheet
330Kb / 2P
   Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com