Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45294R0337M406 Datasheet(PDF) 4 Page - EPCOS

Part # B45294R0337M406
Description  Tantalum Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45294R0337M406 Datasheet(HTML) 4 Page - EPCOS

  B45294R0337M406 Datasheet HTML 1Page - EPCOS B45294R0337M406 Datasheet HTML 2Page - EPCOS B45294R0337M406 Datasheet HTML 3Page - EPCOS B45294R0337M406 Datasheet HTML 4Page - EPCOS B45294R0337M406 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
78
02/04
Tantalum Chip Capacitors
Polymer; Low Profile; Hmax = 2,0 mm; Ultra-Low ESR
Marking
Parts are nearly black, letters are gray.
Capacitance coding
1st and 2nd digit
Capacitance in pF
3rd digit
Multiplier: 6 = 106 pF
7 = 107 pF
Date coding
Year
Month
M = 2000
1 = January
7 = July
In addition to the year and month of manufac-
ture, the stamp includes another two or three
figures which internally allow us an assign-
ment to production equipment.
N = 2001
2 = February
8 = August
P = 2002
3 = March
9 = September
R = 2003
4 = April
O = October
S = 2004
5 = May
N = November
T = 2005
6 = June
D = December
Positive
pole (bar)
Manufacturer’s
logo
Rated voltage, (not
= 6,3 V
Capacitance
(in coded form)
KTA0247-R-E
VR
is abbreviated as 6.
production equipment
Date code
Internal code for
coded)
V
(2 to 3 figures)
Case size V
B45294
B45294.fm Seite 78 Montag, 9. Februar 2004 9:36 09


Similar Part No. - B45294R0337M406

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294RR9227M406 EPCOS-B45294RR9227M406 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
B45294RR9227M409 EPCOS-B45294RR9227M409 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
B45294RR9227M416 EPCOS-B45294RR9227M416 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
B45294RR9227M419 EPCOS-B45294RR9227M419 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
More results

Similar Description - B45294R0337M406

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com