Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HCT1G66 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74HCT1G66
Description  Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT1G66 Datasheet(HTML) 8 Page - Renesas Technology Corp

  HD74HCT1G66 Datasheet HTML 1Page - Renesas Technology Corp HD74HCT1G66 Datasheet HTML 2Page - Renesas Technology Corp HD74HCT1G66 Datasheet HTML 3Page - Renesas Technology Corp HD74HCT1G66 Datasheet HTML 4Page - Renesas Technology Corp HD74HCT1G66 Datasheet HTML 5Page - Renesas Technology Corp HD74HCT1G66 Datasheet HTML 6Page - Renesas Technology Corp HD74HCT1G66 Datasheet HTML 7Page - Renesas Technology Corp HD74HCT1G66 Datasheet HTML 8Page - Renesas Technology Corp HD74HCT1G66 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HD74HCT1G66
Rev.7.00, Jan.29.2004, page 8 of 8
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
CMPAK–5V
Conforms
0.006 g
2.0 ± 0.2
1.3 ± 0.2
(0.65)
5 – 0.2 ± 0.05
(0.65)
0.15
0 – 0.1
+ 0.1
– 0.05
Unit: mm


Similar Part No. - HD74HCT1G66

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
HD74HCT1G00CME RENESAS-HD74HCT1G00CME Datasheet
52Kb / 8P
   2-input NAND Gate
HD74HCT1G02 RENESAS-HD74HCT1G02 Datasheet
53Kb / 8P
   2-input NOR Gate
HD74HCT1G02CME RENESAS-HD74HCT1G02CME Datasheet
53Kb / 8P
   2-input NOR Gate
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
   High speed CMOS inverter using silicon gate CMOS process
More results

Similar Description - HD74HCT1G66

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com