Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41550E7109Q000 Datasheet(PDF) 4 Page - EPCOS

Part # B41550E7109Q000
Description  Capacitors with Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41550E7109Q000 Datasheet(HTML) 4 Page - EPCOS

  B41550E7109Q000 Datasheet HTML 1Page - EPCOS B41550E7109Q000 Datasheet HTML 2Page - EPCOS B41550E7109Q000 Datasheet HTML 3Page - EPCOS B41550E7109Q000 Datasheet HTML 4Page - EPCOS B41550E7109Q000 Datasheet HTML 5Page - EPCOS B41550E7109Q000 Datasheet HTML 6Page - EPCOS B41550E7109Q000 Datasheet HTML 7Page - EPCOS B41550E7109Q000 Datasheet HTML 8Page - EPCOS B41550E7109Q000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Dimensional drawings
B41550
B41570
d = 35.7 mm
Ring clip/clamp mounting
Threaded stud mounting
d
≥ 51.6 mm
Dimensions and weights
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
weight (g)
d
l
±1
l1
±1
l2 +0/ 1 d1
d2 max. a +0.2/ 0.4
M5
35.7 +0/ 0.8
55.7
62.0
13
M8
8.2
12.7
65
M5
35.7 +0/ 0.8
80.7
87.0
13
M8
8.2
12.7
105
M5
35.7 +0/ 0.8
105.7
112.0
13
M8
8.2
12.7
135
M5
51.6 +0/ 0.8
80.7
87.0
17
M12
8.2
22.2
220
M5
64.3 +0/ 0.8
80.7
87.0
17
M12
8.2
28.5
370
M5
64.3 +0/ 0.8
105.7
112.0
17
M12
8.2
28.5
440
M5
76.9 +0/ 0.7
105.7
112.0
17
M12
8.2
31.7
620
M5
76.9 +0/ 0.7
143.2
149.5
17
M12
8.2
31.7
840
B41550, B41570
SIKOREL
105
°C
Page 4 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41550E7109Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41550E7109Q000 EPCOS-B41550E7109Q000 Datasheet
480Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41550E7109Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com