Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45496R0687M536 Datasheet(PDF) 2 Page - EPCOS

Part # B45496R0687M536
Description  Polymer; Multiple Anode; Ultra-Low ESR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45496R0687M536 Datasheet(HTML) 2 Page - EPCOS

  B45496R0687M536 Datasheet HTML 1Page - EPCOS B45496R0687M536 Datasheet HTML 2Page - EPCOS B45496R0687M536 Datasheet HTML 3Page - EPCOS B45496R0687M536 Datasheet HTML 4Page - EPCOS B45496R0687M536 Datasheet HTML 5Page - EPCOS B45496R0687M536 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
92
10/02
Tantalum Chip Capacitors
Polymer; Multiple Anode; Ultra-Low ESR
Ordering code structure
Specifications and characteristics in brief
For characteristic curves see “General Technical Information”, page 107 ff.
Ultra-Low ESR; multiple anode
Series
B45496R
Technology
Ta-Poly
Terminals
Tinned
Rated voltage VR (up to 85 °C)
2,5 … 6,3 Vdc
Rated capacitance CR
470 … 1500
µF
Capacitance tolerance
± 20%
Operating temperature
– 55 … +105
°C
Failure rate
Specification in preparation
Service life
> 500 000 h
Leakage current
(VR, 5 min, 20 °C)
100 nA/
µC
ESRmax (20 °C, 100 kHz)
10 … 20 m
IEC climatic category
To IEC 60068-1
55/105/56 (– 55 /+105
°C; 56 days damp heat test)
Passive component
Tantalum capacitor
Series
496R = tantalum polymer,
496R = tinned terminals Sn100
B45496
R1477
M
Reel diameter
9 = 180 mm, 6 = 330 mm
Case size
5 = E
Capacitance tolerance
M =
± 20%
Voltage (code number)
Rated capacitance
First two digits = significant figures
Third digit = exponent
50 *
ESR quality grade
0 = standard quality
3 = premium quality
B45496


Similar Part No. - B45496R0687M536

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45496R1477M506 EPCOS-B45496R1477M506 Datasheet
183Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
B45496R1477M509 EPCOS-B45496R1477M509 Datasheet
183Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
B45496R1477M536 EPCOS-B45496R1477M536 Datasheet
183Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
B45496R1477M539 EPCOS-B45496R1477M539 Datasheet
183Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
More results

Similar Description - B45496R0687M536

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45496 EPCOS-B45496 Datasheet
183Kb / 6P
   Polymer; Multiple Anode; Ultra-Low ESR
logo
Kemet Corporation
B45396R KEMET-B45396R Datasheet
437Kb / 12P
   Multiple Anode, Ultra-low ESR
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
T530X477M006ATE004 KEMET-T530X477M006ATE004 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR,
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
T530Y687M2R5ATE005 KEMET-T530Y687M2R5ATE005 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 680 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, 4mm
T530X157M016ATE015 KEMET-T530X157M016ATE015 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 150 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 15mOhms, 4.3mm
T530X477M006ATE006 KEMET-T530X477M006ATE006_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, 4.3mm
T530D477M003ATE010 KEMET-T530D477M003ATE010 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 10mOhms, 3.1mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com