Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41580A5339M000 Datasheet(PDF) 7 Page - EPCOS

Part # B41580A5339M000
Description  Capacitors with Screw Terminals
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41580A5339M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41580A5339M000 Datasheet HTML 2Page - EPCOS B41580A5339M000 Datasheet HTML 3Page - EPCOS B41580A5339M000 Datasheet HTML 4Page - EPCOS B41580A5339M000 Datasheet HTML 5Page - EPCOS B41580A5339M000 Datasheet HTML 6Page - EPCOS B41580A5339M000 Datasheet HTML 7Page - EPCOS B41580A5339M000 Datasheet HTML 8Page - EPCOS B41580A5339M000 Datasheet HTML 9Page - EPCOS B41580A5339M000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
88
10/02
Compact 105 °C
B41560 / B41580
100
1 500
35,7
× 55,7 104
90
11
7,0
3,4
B415*0A9158M000
2 200
35,7
× 80,7
70
77
16
9,9
4,7
B415*0A9228M000
3 300
35,7
× 80,7
48
53
19
12
5,7
B415*0A9338M000
4 700
35,7
× 105,7
35
39
26
16
7,5
B415*0A9478M000
6 800
51,6
× 80,7
24
25
30
18
8,7
B415*0A9688M000
10 000
51,6
× 105,7
17
18
30
24
11
B415*0A9109M000
15 000
64,3
× 105,7
13
14
40
30
15
B415*0A9159M0002)
22 000
76,9
× 105,7
10
11
50
35
17
B415*0A9229M0002)
33 000
76,9
× 143,2
8,0
8,4
50
44
21
B415*0A9339M0002)
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20 °C
m
Zmax
10 kHz
20 °C
m
I~max
100 Hz
40 °C
A
I~max
100 Hz
85 °C
A
I~R
100 Hz
105 °C
A
Ordering code1)
Preferred types
1) * “6” = for capacitors with ring clip/clamp mounting
“8” = for capacitors with threaded stud
2) For low-inductance design, see page 85.


Similar Part No. - B41580A5339M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41580A5339M000 EPCOS-B41580A5339M000 Datasheet
476Kb / 14P
   Capacitors with screw terminals
B41580A5339M000 EPCOS-B41580A5339M000 Datasheet
462Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41580A5339M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com