Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41580A5220M000 Datasheet(PDF) 6 Page - EPCOS

Part # B41580A5220M000
Description  Capacitors with Screw Terminals
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41580A5220M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B41580A5220M000 Datasheet HTML 2Page - EPCOS B41580A5220M000 Datasheet HTML 3Page - EPCOS B41580A5220M000 Datasheet HTML 4Page - EPCOS B41580A5220M000 Datasheet HTML 5Page - EPCOS B41580A5220M000 Datasheet HTML 6Page - EPCOS B41580A5220M000 Datasheet HTML 7Page - EPCOS B41580A5220M000 Datasheet HTML 8Page - EPCOS B41580A5220M000 Datasheet HTML 9Page - EPCOS B41580A5220M000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
87
10/02
Compact 105 °C
B41560 / B41580
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20 °C
m
Zmax
10 kHz
20 °C
m
I~max
100 Hz
40 °C
A
I~max
100 Hz
85 °C
A
I~R
100 Hz
105 °C
A
Ordering code1)
25
15 000 35,7
× 55,7 42
31
18
11
5,3
B415*0A5159M000
22 000 35,7
× 80,7 29
22
25
15
7,4
B415*0A5229M000
33 000 35,7
× 80,7 20
17
30
18
8,8
B415*0A5339M000
47 000 35,7
× 105,7 16
13
30
23
11
B415*0A5479M000
68 000 51,6
× 80,7 12
9,3
30
26
13
B415*0A5689M000
100 000 51,6
× 105,7
9,4
7,6
30
30
15
B415*0A5100M000
150 000 64,3
× 105,7
8,0
6,4
40
38
18
B415*0A5150M0002)
220 000 76,9
× 105,7
7,0
5,6
50
40
20
B415*0A5220M0002)
330 000 76,9
× 143,2
6,4
5,1
50
50
24
B415*0A5330M0002)
40
10 000 35,7
× 55,7 42
37
18
11
5,3
B415*0A7109M000
15 000 35,7
× 80,7 29
26
25
15
7,4
B415*0A7159M000
22 000 35,7
× 105,7 22
20
30
20
9,5
B415*0A7229M000
33 000 51,6
× 80,7 15
13
30
23
11
B415*0A7339M000
47 000 51,6
× 105,7 12
10
30
29
14
B415*0A7479M000
68 000 51,6
× 105,7 10
8,4
30
30
15
B415*0A7689M000
100 000 64,3
× 105,7
8,2
7,0
40
38
18
B415*0A7100M0002)
150 000 76,9
× 105,7
7,2
6,0
50
41
20
B415*0A7150M0002)
220 000 76,9
× 143,2
6,4
5,4
50
49
24
B415*0A7220M0002)
63
4 700 35,7
× 55,7 60
64
15
9,2
4,4
B415*0A8478M000
6 800 35,7
× 80,7 44
46
20
12
6,0
B415*0A8688M000
10 000 35,7
× 105,7 30
33
28
17
8,1
B415*0A8109M000
15 000 51,6
× 80,7 22
21
30
19
9,1
B415*0A8159M000
22 000 51,6
× 105,7 16
16
30
25
12
B415*0A8229M000
33 000 64,3
× 105,7 12
12
40
31
15
B415*0A8339M0002)
47 000 64,3
× 105,7 10
9,4
40
35
17
B415*0A8479M0002)
68 000 76,9
× 105,7
8,0
7,8
50
39
19
B415*0A8689M0002)
100 000 76,9
× 143,2
6,6
6,6
50
48
23
B415*0A8100M0002)
Preferred types
1) * “6” = for capacitors with ring clip/clamp mounting
“8” = for capacitors with threaded stud
2) For low-inductance design, see page 85.


Similar Part No. - B41580A5220M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41580A5220M000 EPCOS-B41580A5220M000 Datasheet
476Kb / 14P
   Capacitors with screw terminals
B41580A5220M000 EPCOS-B41580A5220M000 Datasheet
462Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41580A5220M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com