Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37550J5102J062 Datasheet(PDF) 6 Page - EPCOS

Part # B37550J5102J062
Description  Multilayer Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37550J5102J062 Datasheet(HTML) 6 Page - EPCOS

Back Button B37550J5102J062 Datasheet HTML 2Page - EPCOS B37550J5102J062 Datasheet HTML 3Page - EPCOS B37550J5102J062 Datasheet HTML 4Page - EPCOS B37550J5102J062 Datasheet HTML 5Page - EPCOS B37550J5102J062 Datasheet HTML 6Page - EPCOS B37550J5102J062 Datasheet HTML 7Page - EPCOS B37550J5102J062 Datasheet HTML 8Page - EPCOS B37550J5102J062 Datasheet HTML 9Page - EPCOS B37550J5102J062 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Multilayer Ceramic Capacitors
75
10/02
X8R
Ordering codes and packing for X8R, 50 VDC, nickel-barrier terminations
Chip thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
**
60
**
70
CR1)
Ordering code2)
mm
pcs/reel
pcs/reel
Case size 0603, 50 VDC
100, pF
B37531K5101K0**
0,8
± 0,1
4000
16000
150, pF
B37531K5151K0**
0,8
± 0,1
4000
16000
220, pF
B37531K5221K0**
0,8
± 0,1
4000
16000
330, pF
B37531K5331K0**
0,8
± 0,1
4000
16000
470, pF
B37531K5471K0**
0,8
± 0,1
4000
16000
680, pF
B37531K5681K0**
0,8
± 0,1
4000
16000
1,0 nF
B37531K5102K0**
0,8
± 0,1
4000
16000
1,5 nF
B37531K5152K0**
0,8
± 0,1
4000
16000
2,2 nF
B37531K5222K0**
0,8
± 0,1
4000
16000
3,3 nF
B37531K5332K0**
0,8
± 0,1
4000
16000
4,7 nF
B37531K5472K0**
0,8
± 0,1
4000
16000
Case size 0805, 50 VDC
470, pF
B37541K5471K0**
0,6
± 0,1
5000
20000
680, pF
B37541K5681K0**
0,6
± 0,1
5000
20000
1,0 nF
B37541K5102K0**
0,6
± 0,1
5000
20000
1,5 nF
B37541K5152K0**
0,6
± 0,1
5000
20000
2,2 nF
B37541K5222K0**
0,6
± 0,1
5000
20000
3,3 nF
B37541K5332K0**
0,6
± 0,1
5000
20000
4,7 nF
B37541K5472K0**
0,6
± 0,1
5000
20000
6,8 nF
B37541K5682K0**
0,6
± 0,1
5000
20000
10, nF
B37541K5103K0**
0,6
± 0,1
5000
20000
15, nF
B37541K5153K0**
0,6
± 0,1
5000
20000
22, nF
B37541K5223K0**
0,6
± 0,1
5000
20000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 72.
^
^
X8R; 0603 and 0805


Similar Part No. - B37550J5102J062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37550J5102J062 EPCOS-B37550J5102J062 Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
More results

Similar Description - B37550J5102J062

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com