Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41550E8229Q000 Datasheet(PDF) 7 Page - EPCOS

Part # B41550E8229Q000
Description  Capacitors with Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41550E8229Q000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41550E8229Q000 Datasheet HTML 3Page - EPCOS B41550E8229Q000 Datasheet HTML 4Page - EPCOS B41550E8229Q000 Datasheet HTML 5Page - EPCOS B41550E8229Q000 Datasheet HTML 6Page - EPCOS B41550E8229Q000 Datasheet HTML 7Page - EPCOS B41550E8229Q000 Datasheet HTML 8Page - EPCOS B41550E8229Q000 Datasheet HTML 9Page - EPCOS B41550E8229Q000 Datasheet HTML 10Page - EPCOS B41550E8229Q000 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
5 = for capacitors with ring clip/clamp mounting
7 = for capacitors with threaded stud
VR = 16 V DC
10000
35.7
× 55.7 15
38
26
17
12
6.2
B415*0E4109Q000
15000
35.7
× 80.7 12
26
21
23
16
8.1
B415*0E4159Q000
22000
35.7
× 80.7
9.0
21
18
29
21
10
B415*0E4229Q000
33000
35.7
× 105.7
7.0
17
13
30
24
12
B415*0E4339Q000
47000
51.6
× 80.7
5.0
13
13
30
30
16
B415*0E4479Q000
68000
64.3
× 80.7
5.0
13
13
40
38
17
B415*0E4689Q000
100000
64.3
× 105.7
4.0
10
9.0
40
39
19
B415*0E4100Q000
150000
76.9
× 105.7
4.0
10
10
40
40
22
B415*0E4150Q000
220000
76.9
× 143.2
4.0
8.0
7.0
40
40
26
B415*0A4220Q000
VR = 25 V DC
6800
35.7
× 55.7 16
32
27
18
13
6.4
B415*0A5688Q000
10000
35.7
× 80.7 14
28
21
21
15
7.5
B415*0E5109Q000
15000
35.7
× 80.7 11
24
17
26
19
9.4
B415*0E5159Q000
22000
35.7
× 105.7
8.0
20
15
30
22
11
B415*0E5229Q000
33000
51.6
× 80.7
6.0
13
12
30
29
15
B415*0E5339Q000
47000
64.3
× 80.7
5.0
13
11
40
34
17
B415*0E5479Q000
68000
64.3
× 105.7
5.0
11
9.0
40
35
17
B415*0E5689Q000
100000
76.9
× 105.7
4.0
9.0
8.0
40
39
21
B415*0E5100Q000
150000
76.9
× 143.2
4.0
7.0
6.0
40
40
26
B415*0A5150Q000
VR = 40 V DC
4700
35.7
× 55.7 14
33
24
20
14
7.2
B415*0E7478Q000
6800
35.7
× 80.7 12
28
17
24
16
8.4
B415*0A7688Q000
10000
35.7
× 80.7 11
27
14
26
19
9.4
B415*0E7109Q000
15000
35.7
× 105.7
8.0
15
15
30
22
11
B415*0E7159Q000
22000
51.6
× 80.7
6.0
13
13
30
29
15
B415*0E7229Q000
33000
64.3
× 80.7
5.0
12
12
40
34
17
B415*0E7339Q000
47000
64.3
× 105.7
5.0
8.0
8.0
40
35
17
B415*0E7479Q000
68000
76.9
× 105.7
4.0
9.0
7.0
40
39
21
B415*0E7689Q000
100000
76.9
× 143.2
4.0
7.0
6.0
40
40
26
B415*0A7100Q000
B41550, B41570
SIKOREL
105
°C
Page 7 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41550E8229Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41550E8229Q000 EPCOS-B41550E8229Q000 Datasheet
480Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41550E8229Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com