Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82494-A1563-K Datasheet(PDF) 5 Page - EPCOS

Part # B82494-A1563-K
Description  SMT Inductors, SIMID Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82494-A1563-K Datasheet(HTML) 5 Page - EPCOS

  B82494-A1563-K Datasheet HTML 1Page - EPCOS B82494-A1563-K Datasheet HTML 2Page - EPCOS B82494-A1563-K Datasheet HTML 3Page - EPCOS B82494-A1563-K Datasheet HTML 4Page - EPCOS B82494-A1563-K Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
86
04/00
Characteristics and ordering codes (continued)
1) Not for new design
LR
µH
Toler-
ance
Qmin
fL; fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code
Non-shielded
5,6
± 10 %
K
25
7,96
120
1,75
50
B82494-A1562-K
6,8
25
7,96
115
1,95
45
B82494-A1682-K
8,2
25
7,96
105
2,2
40
B82494-A1822-K
10
25
2,52
80
3,5
32
B82494-A1103-K
12
25
2,52
75
3,8
30
B82494-A1123-K
15
25
2,52
70
4,4
28
B82494-A1153-K
18
25
2,52
65
5,0
25
B82494-A1183-K
22
25
2,52
60
5,8
22
B82494-A1223-K
27
20
2,52
115
6,3
21
B82494-A1273-K
33
20
2,52
110
7,1
20
B82494-A1333-K
39
20
2,52
90
9,5
18
B82494-A1393-K
47
20
2,52
80
11,0
17
B82494-A1473-K
56
20
2,52
75
12,1
16
B82494-A1563-K
68
20
2,52
70
16,6
15
B82494-A1683-K
82
20
2,52
65
19,0
13
B82494-A1823-K
100
15
0,796
60
21,0
12
B82494-A1104-K
Shielded1)
27
± 10 %
K
40
2,52
18
4,5
20
B82494-G1273-K
33
40
2,52
14
5,2
18
B82494-G1333-K
39
40
2,52
13
5,7
15
B82494-G1393-K
47
40
2,52
12
6,6
14
B82494-G1473-K
56
40
2,52
10
7,1
13
B82494-G1563-K
68
25
2,52
17
6,5
13
B82494-G1683-K
82
25
2,52
14
7,4
13
B82494-G1823-K
100
25
0,796
10
8,4
12
B82494-G1104-K
^
^
B82494-A
SMT Inductors, SIMID Series
SIMID 1008-A, SIMID 1008-G
B82494-G
Jump to succeding page


Similar Part No. - B82494-A1563-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1100K000 EPCOS-B82494A1100K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1101K000 EPCOS-B82494A1101K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1102K000 EPCOS-B82494A1102K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1103K000 EPCOS-B82494A1103K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results

Similar Description - B82494-A1563-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82442T EPCOS-B82442T Datasheet
675Kb / 9P
   SMT inductors ??SIMID series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com