Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82494-A1823-K Datasheet(PDF) 4 Page - EPCOS

Part # B82494-A1823-K
Description  SMT Inductors, SIMID Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82494-A1823-K Datasheet(HTML) 4 Page - EPCOS

  B82494-A1823-K Datasheet HTML 1Page - EPCOS B82494-A1823-K Datasheet HTML 2Page - EPCOS B82494-A1823-K Datasheet HTML 3Page - EPCOS B82494-A1823-K Datasheet HTML 4Page - EPCOS B82494-A1823-K Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
85
04/00
Characteristics and ordering codes
LR
µH
Toler-
ance
Qmin
fL; fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code
Non-shielded
0,010
± 10 %
K
10
100
280
0,32
2500
B82494-A1100-K
0,012
10
100
270
0,34
2200
B82494-A1120-K
0,015
10
100
255
0,38
1800
B82494-A1150-K
0,018
10
100
250
0,40
1550
B82494-A1180-K
0,022
15
100
240
0,43
1350
B82494-A1220-K
0,027
15
100
230
0,47
1150
B82494-A1270-K
0,033
15
100
220
0,51
1000
B82494-A1330-K
0,039
15
100
215
0,55
890
B82494-A1390-K
0,047
15
100
205
0,59
770
B82494-A1470-K
0,056
15
100
200
0,63
670
B82494-A1560-K
0,068
15
100
190
0,68
590
B82494-A1680-K
0,082
15
100
185
0,73
520
B82494-A1820-K
0,10
10
25,2
175
0,80
460
B82494-A1101-K
0,12
10
25,2
170
0,87
400
B82494-A1121-K
0,15
10
25,2
160
0,98
340
B82494-A1151-K
0,18
10
25,2
155
1,05
300
B82494-A1181-K
0,22
25
25,2
190
0,70
230
B82494-A1221-K
0,27
25
25,2
180
0,75
210
B82494-A1271-K
0,33
25
25,2
170
0,85
190
B82494-A1331-K
0,39
25
25,2
160
0,95
175
B82494-A1391-K
0,47
25
25,2
155
1,00
160
B82494-A1471-K
0,56
25
25,2
150
1,10
150
B82494-A1561-K
0,68
25
25,2
140
1,25
135
B82494-A1681-K
0,82
25
25,2
130
1,40
125
B82494-A1821-K
1,0
25
7,96
195
0,65
115
B82494-A1102-K
1,2
25
7,96
180
0,75
100
B82494-A1122-K
1,5
25
7,96
170
0,85
90
B82494-A1152-K
1,8
25
7,96
160
0,95
85
B82494-A1182-K
2,2
25
7,96
155
1,05
80
B82494-A1222-K
2,7
25
7,96
145
1,20
75
B82494-A1272-K
3,3
25
7,96
135
1,30
65
B82494-A1332-K
3,9
25
7,96
130
1,40
60
B82494-A1392-K
4,7
25
7,96
125
1,55
55
B82494-A1472-K
^
B82494-A
SMT Inductors, SIMID Series
SIMID 1008-A, SIMID 1008-G
B82494-G


Similar Part No. - B82494-A1823-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1100K000 EPCOS-B82494A1100K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1101K000 EPCOS-B82494A1101K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1102K000 EPCOS-B82494A1102K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1103K000 EPCOS-B82494A1103K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results

Similar Description - B82494-A1823-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82442T EPCOS-B82442T Datasheet
675Kb / 9P
   SMT inductors ??SIMID series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com