Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDI1394L11 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDI1394L11
Description  1394 AV link layer controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394L11 Datasheet(HTML) 4 Page - NXP Semiconductors

  PDI1394L11 Datasheet HTML 1Page - NXP Semiconductors PDI1394L11 Datasheet HTML 2Page - NXP Semiconductors PDI1394L11 Datasheet HTML 3Page - NXP Semiconductors PDI1394L11 Datasheet HTML 4Page - NXP Semiconductors PDI1394L11 Datasheet HTML 5Page - NXP Semiconductors PDI1394L11 Datasheet HTML 6Page - NXP Semiconductors PDI1394L11 Datasheet HTML 7Page - NXP Semiconductors PDI1394L11 Datasheet HTML 8Page - NXP Semiconductors PDI1394L11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Philips Semiconductors
Product specification
PDI1394L11
1394 AV link layer controller
1997 Oct 21
4
8.0
APPLICATION DIAGRAM
MPEG OR DVC
DECODER
PDI1394L11
AV LINK
AV
INTERFACE
PDI1394P11
PHY
PHY–LINK
INTERFACE
HOST CONTROLLER
DATA 8/
ADDRESS 9/
INTERRUPT & CONTROL
1394 CABLE
INTERFACE
SV00268
9.0
PIN DESCRIPTION
9.1
Host Interface
PIN No.
PIN SYMBOL
I/O
NAME AND FUNCTION
14, 15, 16, 17,
18, 19, 20, 21, 22
HIF A[8:0]
I
Host Interface Address 0 through 8. Provides the host with a byte wide interface to internal
registers. See description of Host Interface for addressing rules.
1, 2, 3, 4, 7, 8, 9,
10
HIF D[7:0]
I/O
Host Interface Data 7 (MSB) through 0. Byte wide data path to internal registers.
26
HIF WR_N
I
Write enable. When asserted (LOW) in conjunction with HIF CS_N, a write to the PDI1394L11
internal registers is requested. (NOTE: HIF WR_N and HIF RD_N : if these are both LOW in
conjunction with HIF CS_N, then a write cycle takes place. This can be used to connect
CPUs that use R/W_N line rather than separate RD_N and WR_N lines. In that case, connect
the R/W_N line to the HIF WR_N and tie HIF RD_N LOW.)
27
HIF RD_N
I
Read enable. When asserted (LOW) in conjunction with HIF CS_N, a read of the PDI1394L11
internal registers is requested.
25
HIF CS_N
I
Chip Select (active LOW). Host bus control signal to enable access to the FIFO and control
and status registers.
28
HIF INT_N
O
Interrupt (active LOW). Indicates a interrupt internal to the PDI1394L11. Read the General
Interrupt Register for more information. This pin is open drained and requires a 1K
W pullup
resistor.
29
RESET_N
I
Reset (active LOW). The asynchronous master reset to the PDI1394L11.
6, 13, 24, 32, 39,
45, 49, 64, 72, 78
VDD
3.3V
± 0.3V power supply
5, 12, 23, 31, 38,
44, 50, 63, 73, 79
GND
Ground reference


Similar Part No. - PDI1394L11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394L21 PHILIPS-PDI1394L21 Datasheet
343Kb / 52P
   1394 full duplex AV link layer controller
1999 Aug 06
PDI1394L21BE PHILIPS-PDI1394L21BE Datasheet
343Kb / 52P
   1394 full duplex AV link layer controller
1999 Aug 06
PDI1394L21BP PHILIPS-PDI1394L21BP Datasheet
343Kb / 52P
   1394 full duplex AV link layer controller
1999 Aug 06
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
PDI1394L40BE PHILIPS-PDI1394L40BE Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
More results

Similar Description - PDI1394L11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
PDI1394L21 PHILIPS-PDI1394L21 Datasheet
343Kb / 52P
   1394 full duplex AV link layer controller
1999 Aug 06
PDI1394L41 PHILIPS-PDI1394L41 Datasheet
303Kb / 81P
   1394 content protection AV link layer controller
2000 Apr 15
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB43AA82 TI-TSB43AA82 Datasheet
770Kb / 146P
[Old version datasheet]   1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com