Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82494-G1563-K Datasheet(PDF) 2 Page - EPCOS

Part # B82494-G1563-K
Description  SMT Inductors, SIMID Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82494-G1563-K Datasheet(HTML) 2 Page - EPCOS

  B82494-G1563-K Datasheet HTML 1Page - EPCOS B82494-G1563-K Datasheet HTML 2Page - EPCOS B82494-G1563-K Datasheet HTML 3Page - EPCOS B82494-G1563-K Datasheet HTML 4Page - EPCOS B82494-G1563-K Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
83
04/00
General technical data
Rated inductance
LR
Measured with impedance analyzer HP 4191A
at frequency
fL
Q factor
Qmin
Measured with impedance analyzer HP 4191A
at frequency
fQ
Rated current
IR
Maximum permissible dc with
inductance decrease
∆L/L
0 ≤ 10 %
and temperature increase of
≤ 20 K
at rated temperature of 85
°C
Self-resonance frequency
fres, min
Measured with network analyzer HP 8753
DC resistance
Rmax
Measured at 20
°C ambient temperature,
measuring current
< I
R
Climatic category
In accordance with IEC 60068-1
55/085/56 (– 55
°C/+ 85°C/56 days damp heat test)
Solderability
In accordance with IEC 60062-2-58
(230
± 5)°C, (3 ± 0,5) s
Wetting of soldering area:
≥ 90 %
Resistance to soldering heat
In accordance with IEC 60068-2-20
260
°C, 10 s
∆L/L ≤ ± 5%; ∆Q/Q ≤ ± 20 %
after 5 minutes preheating at 120
°C
Permissible PCB bending
2 mm (100 mm long standard PCB)
Weight
Approx. 21 mg
B82494-A
SMT Inductors, SIMID Series
SIMID 1008-A, SIMID 1008-G
B82494-G


Similar Part No. - B82494-G1563-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1100K000 EPCOS-B82494A1100K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1101K000 EPCOS-B82494A1101K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1102K000 EPCOS-B82494A1102K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
B82494A1103K000 EPCOS-B82494A1103K000 Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results

Similar Description - B82494-G1563-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82442T EPCOS-B82442T Datasheet
675Kb / 9P
   SMT inductors ??SIMID series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com