Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD12NF06L Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD12NF06L
Description  N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NF06L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD12NF06L_07 Datasheet HTML 3Page - STMicroelectronics STD12NF06L_07 Datasheet HTML 4Page - STMicroelectronics STD12NF06L_07 Datasheet HTML 5Page - STMicroelectronics STD12NF06L_07 Datasheet HTML 6Page - STMicroelectronics STD12NF06L_07 Datasheet HTML 7Page - STMicroelectronics STD12NF06L_07 Datasheet HTML 8Page - STMicroelectronics STD12NF06L_07 Datasheet HTML 9Page - STMicroelectronics STD12NF06L_07 Datasheet HTML 10Page - STMicroelectronics STD12NF06L_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STD12NF06L
Electrical characteristics
7/14
Figure 7.
Gate charge vs. gate-source voltage Figure 8.
Capacitance variations
Figure 9.
Normalized gate threshold voltage
vs. temperature
Figure 10. Normalized on resistance vs.
temperature
Figure 11. Source-drain diode forward
characteristics


Similar Part No. - STD12NF06L_07

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD12NF06L-1 DOINGTER-STD12NF06L-1 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD12NF06L-1 VBSEMI-STD12NF06L-1 Datasheet
963Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD12NF06LT4 DOINGTER-STD12NF06LT4 Datasheet
674Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD12NF06LT4 VBSEMI-STD12NF06LT4 Datasheet
1,006Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4 Datasheet
555Kb / 19P
   N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
Rev 3 - August 2018
More results

Similar Description - STD12NF06L_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
   N-channel 60V - 0.08廓 - 12A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
   N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
   N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06_09 Datasheet
341Kb / 14P
   N-channel 60 V, 0.08廓, 12 A, DPAK, IPAK STripFET??II Power MOSFET
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
   N-CHANNEL 60V - 0.022ohm - 35A DPAK/IPAK STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com