Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B69967N2047A760 Datasheet(PDF) 5 Page - EPCOS

Part # B69967N2047A760
Description  7-Pole Duplexer for WCDMA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B69967N2047A760 Datasheet(HTML) 5 Page - EPCOS

  B69967N2047A760 Datasheet HTML 1Page - EPCOS B69967N2047A760 Datasheet HTML 2Page - EPCOS B69967N2047A760 Datasheet HTML 3Page - EPCOS B69967N2047A760 Datasheet HTML 4Page - EPCOS B69967N2047A760 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Microwave Ceramics and Modules
Duplexer
7-Pole Duplexer for WCDMA
B69967N2047A760
Preliminary Data Sheet
ISSUE DATE
29.06.04
ISSUE
P3
PUBLISHER
SAW MWC PD
PAGE
5/5
Processing information
Wettability to IEC 68-2-58:
≥ 75% (after aging)
Soldering Requirements
Profile for eutectic
SnPb solder paste
Profile for leadfree
solder paste
Soldering type
reflow
reflow
Maximum soldering temperature
235 (max. 2 sec.)
260 (max. 2 sec.)
°C
(measuring point on top surface of the component) 225 (max. 10 sec.)
250 (max. 10 sec.) °C
Recommended soldering conditions (infrared):
20-40 sec.
40-80 sec.
within 10 sec.
Time [sec.]
Temp. [°C]
215°C±10°C
30 sec.
2-3 min.
within 10 sec.
Time [sec.]
Temp. [°C]
245°C±5°C
2.5 °C/s
> - 5 °C/s
Delivery mode
Blister tape acc. to IEC 286-3, polyester, grey
Pieces/tape: 3000
 EPCOS AG 2001. All Rights Reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the
information contained therein without EPCOS' prior express consent is prohibited.
The information contained in this data sheet describes the type of component and shall not be considered as guaranteed characteristics.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry
recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.


Similar Part No. - B69967N2047A760

ManufacturerPart #DatasheetDescription
logo
EPCOS
B69967N2047C760 EPCOS-B69967N2047C760 Datasheet
449Kb / 5P
   7-Pole Duplexer for WCDMA
More results

Similar Description - B69967N2047A760

ManufacturerPart #DatasheetDescription
logo
EPCOS
B69967N2047C760 EPCOS-B69967N2047C760 Datasheet
449Kb / 5P
   7-Pole Duplexer for WCDMA
logo
Transko Electronics, In...
TD1921AP8 TRANSKO-TD1921AP8 Datasheet
552Kb / 8P
   WCDMA SAW Duplexer
Revision 0: MAY 2007
TD1921CP7 TRANSKO-TD1921CP7 Datasheet
501Kb / 7P
   WCDMA SAW Duplexer
Revision 0: October 2007
TD1921BP7 TRANSKO-TD1921BP7 Datasheet
468Kb / 8P
   WCDMA SAW Duplexer
Revision 0: August 2007
TD1921AP7 TRANSKO-TD1921AP7 Datasheet
516Kb / 8P
   WCDMA SAW Duplexer
Revision 0: MAY 2007
TD1921BP8 TRANSKO-TD1921BP8 Datasheet
461Kb / 8P
   WCDMA SAW Duplexer
Revision 0: August 2007
logo
EPCOS
B7953 EPCOS-B7953 Datasheet
117Kb / 10P
   SAW duplexer WCDMA band VIII
B7675 EPCOS-B7675 Datasheet
193Kb / 11P
   SAW duplexer WCDMA Band VIII
B7692 EPCOS-B7692 Datasheet
122Kb / 11P
   BAW Duplexer WCDMA Band II
B7676 EPCOS-B7676 Datasheet
189Kb / 14P
   SAW Duplexer WCDMA/LTE Band IX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com