Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41570A8479Q000 Datasheet(PDF) 5 Page - EPCOS

Part # B41570A8479Q000
Description  Capacitors with Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41570A8479Q000 Datasheet(HTML) 5 Page - EPCOS

  B41570A8479Q000 Datasheet HTML 1Page - EPCOS B41570A8479Q000 Datasheet HTML 2Page - EPCOS B41570A8479Q000 Datasheet HTML 3Page - EPCOS B41570A8479Q000 Datasheet HTML 4Page - EPCOS B41570A8479Q000 Datasheet HTML 5Page - EPCOS B41570A8479Q000 Datasheet HTML 6Page - EPCOS B41570A8479Q000 Datasheet HTML 7Page - EPCOS B41570A8479Q000 Datasheet HTML 8Page - EPCOS B41570A8479Q000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Packing
Capacitor
diameter d (mm)
lenght l
(mm)
Packing units
(pcs.)
Capacitor
diameter d (mm)
length l
(mm)
Packing units
(pcs.)
35.7
all
36
76.9
97.0 - 168.7 16
51.6
all
36
191.0 - 220.7 12
64.3
all
25
For ecological reasons the packing is pure cardboard.
Accessories
The following items are included in the delivery package, but are not fastened to the capacitors:
Thread Toothed
washers
Screws/nuts
Maximum
torque
For terminals
M5
A 5.1 DIN 6797
Cylinder-head screw M5
× 8 DIN 84-4.8
2 Nm
For mounting
M8
J 8.2 DIN 6797
Hex nut BM 8 DIN 439
4 Nm
M12
J 12.5 DIN 6797
Hex nut BM 12 DIN 439
10 Nm
The following items must be ordered separately. For details, refer to chapter "Capacitors with
screw terminals
Accessories".
Item
Type
Ring clips
B44030
Clamps for capacitors with d
≥ 64.3 mm
B44030
Insulating parts
B44020
B41550, B41570
SIKOREL
105
°C
Page 5 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41570A8479Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41570A8479Q000 EPCOS-B41570A8479Q000 Datasheet
480Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41570A8479Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com