Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP75NTA Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # BSP75NTA
Description  60V self-protected low-side IntellifetTM MOSFET switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BSP75NTA Datasheet(HTML) 4 Page - Zetex Semiconductors

  BSP75NTA Datasheet HTML 1Page - Zetex Semiconductors BSP75NTA Datasheet HTML 2Page - Zetex Semiconductors BSP75NTA Datasheet HTML 3Page - Zetex Semiconductors BSP75NTA Datasheet HTML 4Page - Zetex Semiconductors BSP75NTA Datasheet HTML 5Page - Zetex Semiconductors BSP75NTA Datasheet HTML 6Page - Zetex Semiconductors BSP75NTA Datasheet HTML 7Page - Zetex Semiconductors BSP75NTA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BSP75N
Issue 4 - September 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at TAMB = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static characteristics
Drain-source clamp voltage
VDS(AZ)
60
70
75
V
ID=10mA
Off-state drain current
IDSS
0.1
3
AVDS=12V, VIN=0V
Off-state drain current
IDSS
315
AVDS=32V, VIN=0V
Input threshold voltage (*)
NOTES:
(*) The drain current is limited to a reduced value when VDS exceeds a safe level.
VIN(th)
12.1
V
VDS=VGS, ID=1mA
Input current
IIN
0.7
1.2
mA
VIN=+5V
Input current
IIN
1.5
2.7
mA
VIN=+7V
Input current
IIN
47
mA
VIN=+10V
Static drain-source on-state
resistance
RDS(on)
520
675
m
VIN=+5V, ID=0.7A
Static drain-source on-state
resistance
RDS(on)
385
550
m
VIN=+10V, ID=0.7A
Current limit (†)
(†) Protection features may operate outside spec for VIN<4.5V.
ID(LIM)
0.7
1.0
1.5
A
VIN=+5V, VDS>5V
Current limit(†)
ID(LIM)
1.0
1.8
2.3
A
VIN=+10V, VDS>5V
Dynamic characteristics
Turn-on time (VIN to 90% ID)ton
3.0
10
sRL=22 , VDD=12V,
VIN=0 to +10V
Turn-off time (VIN to 90% ID)toff
13
20
sRL=22 , VDD=12V,
VIN=+10V to 0V
Slew rate on (70 to 50% VDD)-dVDS/dton
820
V/ sRL=22 , VDD=12V,
VIN=0 to +10V
Slew rate off (50 to 70% VDD)DVDS/dtoff
3.2
10
V/ sRL=22 , VDD=12V,
VIN=+10V to 0V
Protection functions (‡)
(‡) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
datasheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not designed
for continuous, repetitive operation.
Required input voltage for
over temperature protection
VPROT
4.5
V
Thermal overload trip
temperature
TJT
150
175
°C
Thermal hysteresis
1
°C
Unclamped single pulse
inductive energy Tj=25°C
EAS
550
mJ
ID(ISO)=0.7A,
VDD=32V
Unclamped single pulse
inductive energy Tj=150°C
200
mJ
ID(ISO)=0.7A,
VDD=32V
Inverse diode
Source drain voltage
VSD
1V
VIN=0V, -ID=1.4A


Similar Part No. - BSP75NTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSP75NTA DIODES-BSP75NTA Datasheet
866Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
More results

Similar Description - BSP75NTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP75G ZETEX-BSP75G Datasheet
382Kb / 8P
   60V self-protected low-side IntelliFETTM MOSFET switch
logo
Diodes Incorporated
BSP75G DIODES-BSP75G Datasheet
756Kb / 8P
   60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
June 2018 Rev. 5 - 2
BSP75N DIODES-BSP75N Datasheet
866Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75NQ DIODES-BSP75NQ Datasheet
865Kb / 9P
   60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75GQ DIODES-BSP75GQ Datasheet
777Kb / 8P
   60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
June 2018 Rev. 5 - 2
logo
Zetex Semiconductors
ZXMS6001N3 ZETEX-ZXMS6001N3 Datasheet
211Kb / 10P
   60V N-channel self protected enhancement mode INTELLIFETTM MOSFET
logo
ON Semiconductor
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com