Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDI1394P11A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PDI1394P11A
Description  3-port physical layer interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P11A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PDI1394P11A Datasheet HTML 3Page - NXP Semiconductors PDI1394P11A Datasheet HTML 4Page - NXP Semiconductors PDI1394P11A Datasheet HTML 5Page - NXP Semiconductors PDI1394P11A Datasheet HTML 6Page - NXP Semiconductors PDI1394P11A Datasheet HTML 7Page - NXP Semiconductors PDI1394P11A Datasheet HTML 8Page - NXP Semiconductors PDI1394P11A Datasheet HTML 9Page - NXP Semiconductors PDI1394P11A Datasheet HTML 10Page - NXP Semiconductors PDI1394P11A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Philips Semiconductors
Preliminary specification
PDI1394P11A
3-port physical layer interface
1999 Mar 10
7
12.0
OTHER DEVICE I/O
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current
VDD = 3.3 V
One port transmitting
One port receiving
One port not connected
60
mA
IDD
Su
ly current
VDD = 3.6 V
175
mA
VDD = 3.6 V
Power-down mode
1.5
2
5
mA
VP
Cable Power Threshold Voltage
RL = 400 kΩ to CPS pin
4.7
7.5
V
VOH
High-level output voltage
IOH = Max., VDD = Min.
VDD – 0.55
V
VOL
Low-level output voltage
IOL = Min., VDD = Max.
0.5
V
II
Input current, LREQ, LPS, PD,
TESTM[1:2]
VI = 5.5 V or 0 V, ISO– = 0
±1.0
µA
IOZ
OFF-state output current, CTLn,
Dn, C/LKON I/Os, PC[0:2] inputs
VO = 5.5 V or 0 V, ISO– = 0
±5.0
µA
I
Pullup current RESET input
VI = 1.5 V
–20
–40
–80
µA
IPU
Pullup current, RESET– input
VI = 0 V
–22
–45
–90
µA
I
Pulldown current RESET input
VI = VDD
100
260
450
µA
IPD
Pulldown current, RESET– input
PD = high
100
260
450
µA
Power-up reset time, RESET– input
C = 0.1
µf
2
ms
VTH+
Positive arbitration comparator threshold
voltage
89
168
mV
VTH–
Negative arbitration comparator threshold
voltage
–168
–89
mV
VTH–SP
Speed signal input threshold voltage
49
131
mV
VIT+
Positive going input threshold voltage,
LREQ, CTLn, Dn inputs
VDD/2 + 0.12
VDD/2 + 0.66
V
VIT–
Negative going input threshold voltage,
LREQ, CTLn, Dn inputs
VDD/2 – 0.66
VDD/2 – 0.12
V
VO
TPBIASn output voltage
1.665
1.85
2.015
V
Ib
Absolute value of bus holding current
LREQ, PD, CTLn, Dn inputs, LPS
ISO– = high, VI = 0.5 VDD
190
µA
13.0
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
R
ΘjA
Junction-to-free-air thermal resistance
Board mounted, no air flow
92.5
°C/W
R
ΘjC
Junction-to-case thermal resistance
10.4
°C/W


Similar Part No. - PDI1394P11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P11BD PHILIPS-PDI1394P11BD Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
More results

Similar Description - PDI1394P11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
STMicroelectronics
SBPH400-3 STMICROELECTRONICS-SBPH400-3 Datasheet
297Kb / 43P
   IEEE1394 3-Port 400Mbps Physical Layer
16 March 1998
logo
NXP Semiconductors
PDI1394P25BY PHILIPS-PDI1394P25BY Datasheet
214Kb / 42P
   1-port 400 Mbps physical layer interface
2002 Oct 11
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
   1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23 PHILIPS-PDI1394P23 Datasheet
233Kb / 42P
   2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
   Charger Interface Physical Layer IC
August 2016
logo
List of Unclassifed Man...
VT6304 ETC-VT6304 Datasheet
126Kb / 21P
   1394.A 4 PORT PHYSICAL LAYER CHIP
logo
Texas Instruments
TI380C30A TI-TI380C30A Datasheet
1Mb / 81P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com