Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS80C-CJ Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BSS80C-CJ
Description  SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BSS80C-CJ Datasheet(HTML) 1 Page - Zetex Semiconductors

  BSS80C-CJ Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 PNP SILICON PLANAR
SWITCHING TRANSISTORS
ISSUE 2 – SEPTEMBER 95
7
PARTMARKING DETAIL —
BSS80B - CH
BSS80C - CJ
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-800
mA
Power Dissipation at Tamb=25°C
PTOT
330
mW
Operating and Storage Temperature Range
tj:tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-60
V
IC=-10µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-40
V
IC=-10mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
IE=-10mA
Collector Cut-Off
Current
ICBO
-10
-10
nA
µ
A
VCB=-50V,
VCB=-50V, Ta=150oC
Emitter Cut-Off
Current
IEBO
-10
nA
VBE=-3V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.4
-1.6
mV
V
IC=-150mA,VCE=-10V
IC=-150mA,VCE=-10V
Static Forward
Current
Transfer Ratio
BSS80B
BSS80C
hFE
40
100
120
300
IC=150mA,VCE=10V
IC=150mA,VCE=10V
Transition Frequency
fT
200
MHz
VCE=-20V,IC=-50mA
f=100MHz
Output Capacitance
Cobo
8pF
VCB=-10V,f=1MHz
Delay Time
td
10
ns
VCC=-30V, IC=-150mA
IB1=-IB2=-15mA
Rise Time
tr
40
ns
Storage Time
ts
80
ns
Fall Time
tf
30
ns
BSS80B
BSS80C
C
B
E
SOT23
PAGE NUMBER


Similar Part No. - BSS80C-CJ

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS80C SIEMENS-BSS80C Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BSS80C INFINEON-BSS80C Datasheet
59Kb / 6P
   PNP Silicon Switching Transistors
Nov-30-2001
logo
Guangdong Kexin Industr...
BSS80C KEXIN-BSS80C Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
More results

Similar Description - BSS80C-CJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
BSS82B ZETEX-BSS82B Datasheet
30Kb / 1P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
List of Unclassifed Man...
BSS69 ETC-BSS69 Datasheet
34Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS69 ZETEX-BSS69 Datasheet
37Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
   SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
   SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
logo
Zetex Semiconductors
FMMT2907 ZETEX-FMMT2907 Datasheet
41Kb / 2P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
FMMT4126 ZETEX-FMMT4126 Datasheet
36Kb / 1P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
FMMT4125 ZETEX-FMMT4125 Datasheet
27Kb / 1P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com