Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27-C51P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZD27-C51P
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZD27-C51P Datasheet(HTML) 4 Page - Vishay Siliconix

  BZD27-C51P Datasheet HTML 1Page - Vishay Siliconix BZD27-C51P Datasheet HTML 2Page - Vishay Siliconix BZD27-C51P Datasheet HTML 3Page - Vishay Siliconix BZD27-C51P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BZD27 Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88311
4
06-May-02
When used as transient suppressor diodes (TJ = 25°C unless otherwise noted)
Rev. Breakdown
Temperature
Test
Clamping Voltage
Reverse Current at
Voltage
Coefficient
Current
Stand-Off Voltage
V(BR)R (V)
αZ @ Itest (%/°C)
Itest (mA)
VC (V)
at IRSM (A)(1)
IR (
µA)
at VWM (V)
Type
at Itest Min.
Min.
Max.
Max.
Max.
BZD27-C7V5P
7.0
0.00
0.07
100
11.3
13.3
1500
6.2
BZD27-C8V2P
7.7
0.03
0.08
100
12.3
12.2
1200
6.8
BZD27-C9V1P
8.5
0.03
0.08
50
13.3
11.3
100
7.5
BZD27-C10P
9.4
0.05
0.09
50
14.8
10.1
20
8.2
BZD27-C11P
10.4
0.05
0.10
50
15.7
9.6
5
9.1
BZD27-C12P
11.4
0.05
0.10
50
17.0
8.8
5
10
BZD27-C13P
12.4
0.05
0.10
50
18.9
7.9
5
11
BZD27-C15P
13.8
0.05
0.10
50
20.9
7.2
5
12
BZD27-C16P
15.3
0.06
0.11
25
22.9
6.6
5
13
BZD27-C18P
16.8
0.06
0.11
25
25.6
5.9
5
15
BZD27-C20P
18.8
0.06
0.11
25
28.4
5.3
5
16
BZD27-C22P
20.8
0.06
0.11
25
31.0
4.8
5
18
BZD27-C24P
22.8
0.06
0.11
25
33.8
4.4
5
20
BZD27-C27P
25.1
0.06
0.11
25
38.1
3.9
5
22
BZD27-C30P
28
0.06
0.11
25
42.2
3.6
5
24
BZD27-C33P
31
0.06
0.11
25
46.2
3.2
5
27
BZD27-C36P
34
0.06
0.11
10
50.1
3.0
5
30
BZD27-C39P
37
0.06
0.11
10
54.1
2.8
5
33
BZD27-C43P
40
0.07
0.12
10
60.7
2.5
5
36
BZD27-C47P
44
0.07
0.12
10
65.5
2.3
5
39
BZD27-C51P
48
0.07
0.12
10
70.8
2.1
5
43
BZD27-C56P
52
0.07
0.12
10
78.6
1.9
5
47
BZD27-C62P
58
0.08
0.13
10
86.5
1.7
5
51
BZD27-C68P
64
0.08
0.13
10
94.4
1.6
5
56
BZD27-C75P
70
0.08
0.13
10
103.5
1.5
5
62
BZD27-C82P
77
0.08
0.13
10
114
1.3
5
68
BZD27-C91P
85
0.09
0.13
5
126
1.2
5
75
BZD27-C100P
94
0.09
0.13
5
139
1.1
5
82
BZD27-C110P
104
0.09
0.13
5
152
1.0
5
91
BZD27-C120P
114
0.09
0.13
5
167
0.90
5
100
BZD27-C130P
124
0.09
0.13
5
185
0.81
5
110
BZD27-C150P
138
0.09
0.13
5
204
0.73
5
120
BZD27-C160P
153
0.09
0.13
5
224
0.67
5
130
BZD27-C180P
168
0.09
0.13
5
249
0.60
5
150
BZD27-C200P
188
0.09
0.13
5
276
0.54
5
160
Note: (1) Non-repetitive peak reverse current in accordance with “IEC 60-1, Section 8” (10/1000
µs pulse); see Fig. 8.


Similar Part No. - BZD27-C51P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD27-C51 PHILIPS-BZD27-C51 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27-C510 PHILIPS-BZD27-C510 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
logo
EIC discrete Semiconduc...
BZD27-C510A EIC-BZD27-C510A Datasheet
140Kb / 4P
   VOLTAGE REGULATOR DIODES
BZD27-C51A EIC-BZD27-C51A Datasheet
140Kb / 4P
   VOLTAGE REGULATOR DIODES
More results

Similar Description - BZD27-C51P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com