Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37873J5104M072 Datasheet(PDF) 9 Page - EPCOS

Part # B37873J5104M072
Description  Multilayer Ceramic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37873J5104M072 Datasheet(HTML) 9 Page - EPCOS

Back Button B37873J5104M072 Datasheet HTML 3Page - EPCOS B37873J5104M072 Datasheet HTML 4Page - EPCOS B37873J5104M072 Datasheet HTML 5Page - EPCOS B37873J5104M072 Datasheet HTML 6Page - EPCOS B37873J5104M072 Datasheet HTML 7Page - EPCOS B37873J5104M072 Datasheet HTML 8Page - EPCOS B37873J5104M072 Datasheet HTML 9Page - EPCOS B37873J5104M072 Datasheet HTML 10Page - EPCOS B37873J5104M072 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Multilayer Ceramic Capacitors
88
10/02
Z5U
(Y5U)
Typical characteristics
Capacitance change
DC/C25 versus
temperature T
Capacitance change
DC/C0 versus
superimposed DC voltage V
Impedance |Z | versus
frequency f
Dissipation factor tan
d versus
temperature T
KKE0128-3
MHz
10 0
10 1
10 2
10 3
Z
f
10
_2
10
_1
10 0
1
10
2
10
10 nF
100 nF
1 µF
KKE0122-N
T
60
_
δ
tan
40
_
20
_
0
20 40 60 80 100 ˚C 140
2
10
_
10
_3
10 1
_
Z5U (Y5U)


Similar Part No. - B37873J5104M072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3787 EPCOS-B3787 Datasheet
95Kb / 10P
   Balanced and unbalanced operation possible
logo
TDK Electronics
B3787 TDK-B3787 Datasheet
106Kb / 10P
   SAW Components SAW filter Short range devices
logo
EPCOS
B37871 EPCOS-B37871 Datasheet
235Kb / 21P
   Multilayer Ceramic Capacitors
B37871K1101J060 EPCOS-B37871K1101J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37871K1101J070 EPCOS-B37871K1101J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
More results

Similar Description - B37873J5104M072

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com