Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMV833BTA Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZMV833BTA
Description  Silicon 25V hyperabrupt varactor diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMV833BTA Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZMV833BTA Datasheet HTML 1Page - Zetex Semiconductors ZMV833BTA Datasheet HTML 2Page - Zetex Semiconductors ZMV833BTA Datasheet HTML 3Page - Zetex Semiconductors ZMV833BTA Datasheet HTML 4Page - Zetex Semiconductors ZMV833BTA Datasheet HTML 5Page - Zetex Semiconductors ZMV833BTA Datasheet HTML 6Page - Zetex Semiconductors ZMV833BTA Datasheet HTML 7Page - Zetex Semiconductors ZMV833BTA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
830 series
Issue 11 - January 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Tuning characteristics at Tamb = 25°C
Absolute maximum ratings
Electrical characteristics at Tamb = 25°C
Part
Capacitance (pF)
VR=2V, f=1MHz
Min Q
VR = 3V
f = 50MHz
Capacitance ratio
C2 / C20
@ f = 1MHz
Min.
Nom.
Max.
Min.
Max.
829A
7.38
8.2
9.02
250
4.3
5.8
829B
7.79
8.2
8.61
250
4.3
5.8
830A
9.0
10.0
11.0
300
4.5
6.0
830B
9.5
10.0
10.5
300
4.5
6.0
831A
13.5
15.0
16.5
300
4.5
6.0
831B
14.25
15.0
15.75
300
4.5
6.0
832A
19.8
22.0
24.2
200
5.0
6.5
832B
20.9
22.0
23.1
200
5.0
6.5
833A
29.7
33.0
36.3
200
5.0
6.5
833B
31.35
33.0
34.65
200
5.0
6.5
834A
42.3
47.0
51.7
200
5.0
6.5
834B
44.65
47.0
49.35
200
5.0
6.5
835A
61.2
68.0
74.8
100
5.0
6.5
835B
64.6
68.0
71.4
100
5.0
6.5
836A
90.0
100.0
110.0
100
5.0
6.5
836B
95.0
100.0
105.0
100
5.0
6.5
Parameter
Symbol
Max.
Unit
Forward current
IF
200
mA
Power dissipation at Tamb = 25°C SOT23
Ptot
330
mW
Power dissipation at Tamb = 25°C SOD323
Ptot
330
mW
Power dissipation at Tamb = 25°C SOD523
Ptot
250
mW
Operating and storage temperature range
-55 to +150
°C
Paramater
Conditions
Min.
Typ.
Max.
Unit
Reverse breakdown voltage
IR = 10 A25
V
Reverse voltage leakage
VR = 20V
0.2
20
nA
Temperature coefficient of
capacitance
VR = 3V, f = 1MHz
300
400
ppCm/°C


Similar Part No. - ZMV833BTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMV833BTA ZETEX-ZMV833BTA Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZMV833BTA ZETEX-ZMV833BTA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZMV833BTA ZETEX-ZMV833BTA Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
More results

Similar Description - ZMV833BTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com