Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

313LCPJAALDGG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 313LCPJAALDGG
Description  SUBMERSIBLE LEVEL TRANSMITTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

313LCPJAALDGG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  313LCPJAALDGG Datasheet HTML 1Page - List of Unclassifed Manufacturers 313LCPJAALDGG Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2770 Long Road, Grand Island, NY 14072 USA
Tel. (716) 773-9300 • Fax (716) 773-5019 • E-mail: sales@gp50.com • Website: www.gp50.com
Unless otherwise stated, these specifications are the standards to which the units are normally
constructed. Alterations may be easily and readily accomplished by the standard modification code or
by discussion with the factory. We invite your inquiry.
SPECIFICATIONS
SPECIFICATIONS
* See modifications on ordering guide.
Accuracy (Static error band includes non-linearity, hysteresis, non-repeatability)
Series B
±0.5% FSO (RSS)
Series C
±0.2% FSO (RSS)
Series D
±0.1% FSO (RSS)
Temperature Limits*
Compensated
0
°F to +140°F
Operating
-40
°F to +150°F
Storage
-40
°F to +150°F
Temperature Compensation*
Zero
Less than
±2% FSO/100°F at full scale
pressure range and/or upper range limit
Span
Less than
±2% FSO/100°F at full scale
pressure range and/or upper range limit
Electricals
Excitation
12 - 40 Vdc
Zero Balance
4.0mA
±2% FSO at 70°F
Span
16.0mA
±2% FSO at 70°F
Load Impedance
1400 ohm maximum at 40 Vdc excitation
Circuit Protection
Short Circuit - Indefinite
Reverse Wired - Indefinite
Insulation Resistance
Greater than 10 M ohm at 50 Vdc and 70
°F
Resolution
Infinite
Mechanicals
Proof Pressure
2 times rated full scale pressure
Burst Pressure
4 times rated full scale pressure
External Pressure
500 psi maximum
Case Materials
Type 316 stainless steel
Pressure Response
< 5 ms to 90%
Long Term Stability
< +0.5% FSO / year
Position Effect
±0.01% FSO for a 90° change in orientation
Calibration Orientation
Horizontal unless specified
Cycle Life
1 million pressure cycles
Fluid Fill
200 CS. Dow Corning 200. (Silicon Oil)
Length
6.1 inches
Diameter
1.0 inches
Connections
Pressure
PVC bullet nose
Electrical Cable
Molded polyurethane jacket, 6 conductor
with breather tube, 24 AWG, 8’ long
Identification
Etched onto housing
WIRING CODE
313L
Red
+ Excit./Signal
Green
NC
White
NC
Black
- Excit./Signal
Blue
NC Option GH
Brown
NC Option GH
Shield
Open
Some options will affect dimensions.
Consult factory if important.
Note: Altering option codes will alter the unit length.
6.1 REF.
1.0" DIA. REF.
1.00"
FLATS
1/2 NPT CONDUIT FITTING
SUBMERSIBLE CABLE
BREATHER TUBE


Similar Part No. - 313LCPJAALDGG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
logo
List of Unclassifed Man...
313 ETC2-313 Datasheet
259Kb / 1P
   Wiha Insulated 1/4 Sockets & Sets
logo
3M Electronics
313 3M-313 Datasheet
560Kb / 4P
   3M ??Scotch짰 Box Sealing Tape 313
logo
List of Unclassifed Man...
313-010-6040G ETC2-313-010-6040G Datasheet
5Mb / 93P
   Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
logo
Winchester Electronics ...
313-010-6040G WINCHESTER-313-010-6040G Datasheet
46Kb / 1P
   31SERIES RIGHT ANGLE RECEPTACLE
More results

Similar Description - 313LCPJAALDGG

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
   Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
   Submersible Level Transmitter
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
   Submersible Tank Gauging Level Transmitter
ILTSU CYNERGY3-ILTSU Datasheet
60Kb / 2P
   Submersible Dual Level and Temperature Transmitter
ILTS CYNERGY3-ILTS Datasheet
56Kb / 2P
   Submersible Dual Level and Temperature Transmitter
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
   Water approved Submersible Level Transmitter - Silicon Sensor
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
   submersible level probe
logo
Sensortechnics GmbH
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
logo
Fuji Electric
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
   LEVEL TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com