Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37531J5102J072 Datasheet(PDF) 4 Page - EPCOS

Part # B37531J5102J072
Description  Multilayer Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37531J5102J072 Datasheet(HTML) 4 Page - EPCOS

  B37531J5102J072 Datasheet HTML 1Page - EPCOS B37531J5102J072 Datasheet HTML 2Page - EPCOS B37531J5102J072 Datasheet HTML 3Page - EPCOS B37531J5102J072 Datasheet HTML 4Page - EPCOS B37531J5102J072 Datasheet HTML 5Page - EPCOS B37531J5102J072 Datasheet HTML 6Page - EPCOS B37531J5102J072 Datasheet HTML 7Page - EPCOS B37531J5102J072 Datasheet HTML 8Page - EPCOS B37531J5102J072 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Multilayer Ceramic Capacitors
73
10/02
X8R
Recommended solder pad
Maximum dimensions (mm)
Termination
Case size
(inch/mm)
Type
A
C
D
0603/1608
single chip
1,0
3,0
1,0
0805/2012
single chip
1,2
3,4
1,3
1206/3216
single chip
1,2
4,5
1,8
1210/3225
single chip
1,2
4,5
2,8
KKE0308-1
D
External electrode
Intermediate electrode
Substrate electrode
KKE0484-W
Ni
Sn
Ag
Inner electrode
AgPd
Termination
(nickel barrier)
Ceramic body
X8R


Similar Part No. - B37531J5102J072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3750 EPCOS-B3750 Datasheet
83Kb / 6P
   Low-loss Filter
logo
List of Unclassifed Man...
B3750 ETC1-B3750 Datasheet
2Mb / 15P
   The temperature was measured using the FG-100 thermometer.
logo
EPCOS
B3751 EPCOS-B3751 Datasheet
79Kb / 6P
   SAW Components Low-loss Filter 315,00 MHz
B37540J5102J060 EPCOS-B37540J5102J060 Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
B37540J5102J062 EPCOS-B37540J5102J062 Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
More results

Similar Description - B37531J5102J072

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com