Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

832B Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # 832B
Description  Silicon 25V hyperabrupt varactor diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

832B Datasheet(HTML) 7 Page - Zetex Semiconductors

  832B Datasheet HTML 1Page - Zetex Semiconductors 832B Datasheet HTML 2Page - Zetex Semiconductors 832B Datasheet HTML 3Page - Zetex Semiconductors 832B Datasheet HTML 4Page - Zetex Semiconductors 832B Datasheet HTML 5Page - Zetex Semiconductors 832B Datasheet HTML 6Page - Zetex Semiconductors 832B Datasheet HTML 7Page - Zetex Semiconductors 832B Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
830 series
Issue 11 - January 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Package outline - SOD323
Top mark
DIM
Millimeters
DIM
Millimeters
Min.
Max.
Min.
Max.
A
0.91
1.16
E
0.127
0.200
B
0.00
0.10
F
1.52
1.77
C
-
-
G
1.11
1.37
D
0.33
0.40
H
2.46
2.71
A
Top view
Partmark as example only
for orientation
C
YZ
H
F
D
G
A
B
E
C


Similar Part No. - 832B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
832B ZETEX-832B Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
logo
Guangdong Kexin Industr...
832B KEXIN-832B Datasheet
66Kb / 2P
   Surface Mount Zener Diodes
More results

Similar Description - 832B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com