Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32582 Datasheet(PDF) 2 Page - EPCOS

Part # B32582
Description  MFT pulse capacitors with highest possible contact reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32582 Datasheet(HTML) 2 Page - EPCOS

  B32582 Datasheet HTML 1Page - EPCOS B32582 Datasheet HTML 2Page - EPCOS B32582 Datasheet HTML 3Page - EPCOS B32582 Datasheet HTML 4Page - EPCOS B32582 Datasheet HTML 5Page - EPCOS B32582 Datasheet HTML 6Page - EPCOS B32582 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
109 12/00
MFT pulse capacitors with
highest possible contact reliability
Construction
I Dielectric: polyethylene terephthalate
(polyester)
I Wound capacitor technology
I Metallized film and metal foils internally
connected in series
I Plastic case (UL 94 V-0)
I Epoxy resin sealing
Features
I Very high pulse strength
I Highest possible contact reliability
I Self-healing properties
I Perfectly adapted to - and tested with -
1 kV and 3 kV EPCOS switching
spark gaps1)
I High operation temperature
Typical applications
I Ignition devices for gas discharge lamp
appliances used in car headlight systems,
video projection systems and
backlight-TV systems
Terminals
I Parallel wire leads, tinned
Marking
Manufacturer’s logo,
lot number, style and type (FT5xx),
rated capacitance (coded),
capacitance tolerance (code letter),
rated dc voltage,
date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter “Taping and packing”, page 274.
1) Special MKT capacitors (stacked-film technology) optimized for ignition circuits using lower switching voltages are
available on request.
Dimensions in mm
Lead spacing
± 0,4
Diameter d1
Type
15,0
0,8
B 32 582
22,5
0,8
B 32 583
27,5
0,8
B 32 584
B32 582
Metallized Polyester Film Capacitors (MFT)
…B 32 584
Plastic Case


Similar Part No. - B32582

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32502 EPCOS-B32502 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32503 EPCOS-B32503 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32504 EPCOS-B32504 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32505 EPCOS-B32505 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32506 EPCOS-B32506 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32582

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32524Q1226K EPCOS-B32524Q1226K Datasheet
499Kb / 27P
   Metallized Polyester Film Capacitors (MKT and MFT)
B32529-C5334 EPCOS-B32529-C5334 Datasheet
504Kb / 27P
   Metallized Polyester Film Capacitors (MKT and MFT)
logo
GREATECS
DX62 GREATECS-DX62 Datasheet
1Mb / 8P
   DIP Switch Half Pitch SMT for Highest Reliability
logo
Japan Aviation Electron...
ES9 JAE-ES9 Datasheet
180Kb / 6P
   Improved contact reliability with a 2-point contact structure.
logo
PETERMANN-TECHNIK
UM1 PETERMANN-UM1 Datasheet
141Kb / 2P
   HIGH RELIABILITY FOR LOW COST TIGTH TEMPERATURE STABILITY POSSIBLE
logo
EPCOS
B32529D1105J EPCOS-B32529D1105J Datasheet
499Kb / 27P
   Metallized Polyester Film Capacitors (MKT and MFT) Plastic Case
logo
Ohmite Mfg. Co.
RES-UM OHMITE-RES-UM Datasheet
382Kb / 2P
   Special versions possible
logo
Tyco Electronics
V23100V4324C010 MACOM-V23100V4324C010 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
V23100-V4005-A000 MACOM-V23100-V4005-A000 Datasheet
2Mb / 13P
   Direct coil control with TTL-signals possible
logo
TE Connectivity Ltd
V4-V23100 TEC-V4-V23100 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com