Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32582 Datasheet(PDF) 6 Page - EPCOS

Part # B32582
Description  MFT pulse capacitors with highest possible contact reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32582 Datasheet(HTML) 6 Page - EPCOS

  B32582 Datasheet HTML 1Page - EPCOS B32582 Datasheet HTML 2Page - EPCOS B32582 Datasheet HTML 3Page - EPCOS B32582 Datasheet HTML 4Page - EPCOS B32582 Datasheet HTML 5Page - EPCOS B32582 Datasheet HTML 6Page - EPCOS B32582 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
113 12/00
MFT
Pulse handling capability
The capacitors are especially manufactured and tested to suit their intended applications.
Typical permissible loads:
Capability of 100 000 switches (ON/OFF).
Impedance Z
versus
frequency f
(typical values)
VR
Max. rate of voltage rise Vpp/τ in V/µs (for Vpp = VR)
Lead spacing
15 mm
22,5 mm
27,5 mm
1250 Vdc
10 000
3000 Vdc
20 000
20 000
… B 32 584
B32 582


Similar Part No. - B32582

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32502 EPCOS-B32502 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32503 EPCOS-B32503 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32504 EPCOS-B32504 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32505 EPCOS-B32505 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32506 EPCOS-B32506 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32582

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32524Q1226K EPCOS-B32524Q1226K Datasheet
499Kb / 27P
   Metallized Polyester Film Capacitors (MKT and MFT)
B32529-C5334 EPCOS-B32529-C5334 Datasheet
504Kb / 27P
   Metallized Polyester Film Capacitors (MKT and MFT)
logo
GREATECS
DX62 GREATECS-DX62 Datasheet
1Mb / 8P
   DIP Switch Half Pitch SMT for Highest Reliability
logo
Japan Aviation Electron...
ES9 JAE-ES9 Datasheet
180Kb / 6P
   Improved contact reliability with a 2-point contact structure.
logo
PETERMANN-TECHNIK
UM1 PETERMANN-UM1 Datasheet
141Kb / 2P
   HIGH RELIABILITY FOR LOW COST TIGTH TEMPERATURE STABILITY POSSIBLE
logo
EPCOS
B32529D1105J EPCOS-B32529D1105J Datasheet
499Kb / 27P
   Metallized Polyester Film Capacitors (MKT and MFT) Plastic Case
logo
Ohmite Mfg. Co.
RES-UM OHMITE-RES-UM Datasheet
382Kb / 2P
   Special versions possible
logo
Tyco Electronics
V23100V4324C010 MACOM-V23100V4324C010 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
V23100-V4005-A000 MACOM-V23100-V4005-A000 Datasheet
2Mb / 13P
   Direct coil control with TTL-signals possible
logo
TE Connectivity Ltd
V4-V23100 TEC-V4-V23100 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com