Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57660G0493+000 Datasheet(PDF) 2 Page - EPCOS

Part # B57660G0493+000
Description  Glass-Encapsulated Sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57660G0493+000 Datasheet(HTML) 2 Page - EPCOS

  B57660G0493+000 Datasheet HTML 1Page - EPCOS B57660G0493+000 Datasheet HTML 2Page - EPCOS B57660G0493+000 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
107 05/02
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 300
°C
t: 1000 h
< 3 %
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-3
Temperature of air: 85
°C
Relative humidity of air: 85 %
Duration: 56 days
< 2 %
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature: – 55
°C
Upper test temperature: 200
°C
Number of cycles: 1000
< 2 %
No visible
damage
B57660
Temperature Measurement
G660
Glass-Encapsulated Sensors


Similar Part No. - B57660G0493+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57620-C104-J162 EPCOS-B57620-C104-J162 Datasheet
38Kb / 2P
   SMD NTC Thermistors with Silver Palladium Termination, Size 0805
B57620C0102J062 EPCOS-B57620C0102J062 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Silver Palladium Termination, Size 0805
B57620C0102K062 EPCOS-B57620C0102K062 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Silver Palladium Termination, Size 0805
B57620C0102M062 EPCOS-B57620C0102M062 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Silver Palladium Termination, Size 0805
B57620C0221J062 EPCOS-B57620C0221J062 Datasheet
65Kb / 3P
   SMD NTC Thermistors with Silver Palladium Termination, Size 0805
More results

Similar Description - B57660G0493+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57540G0502 EPCOS-B57540G0502 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
logo
TDK Electronics
B57551G1103F000 TDK-B57551G1103F000 Datasheet
415Kb / 24P
   Glass-encapsulated sensors
logo
EPCOS
B57560G0202 EPCOS-B57560G0202 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
B57750G0385 EPCOS-B57750G0385 Datasheet
60Kb / 3P
   Glass-Encapsulated Sensors
logo
TDK Electronics
B57565G1103F000 TDK-B57565G1103F000 Datasheet
444Kb / 19P
   Glass-encapsulated sensors
logo
EPCOS
B57550G0202 EPCOS-B57550G0202 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
logo
Vishay Siliconix
NTCLG100E2 VISHAY-NTCLG100E2 Datasheet
90Kb / 6P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 01-Jul-15
NTCLG100E2 VISHAY-NTCLG100E2_17 Datasheet
87Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 29-Jun-17
NTCLG100E2 VISHAY-NTCLG100E2_V01 Datasheet
86Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
01-Jan-2022
logo
AVX Corporation
VG181216P400 AVX-VG181216P400 Datasheet
75Kb / 2P
   Glass Encapsulated TransGuard
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com