Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41554E5339Q000 Datasheet(PDF) 2 Page - EPCOS

Part # B41554E5339Q000
Description  Highly professional power supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41554E5339Q000 Datasheet(HTML) 2 Page - EPCOS

  B41554E5339Q000 Datasheet HTML 1Page - EPCOS B41554E5339Q000 Datasheet HTML 2Page - EPCOS B41554E5339Q000 Datasheet HTML 3Page - EPCOS B41554E5339Q000 Datasheet HTML 4Page - EPCOS B41554E5339Q000 Datasheet HTML 5Page - EPCOS B41554E5339Q000 Datasheet HTML 6Page - EPCOS B41554E5339Q000 Datasheet HTML 7Page - EPCOS B41554E5339Q000 Datasheet HTML 8Page - EPCOS B41554E5339Q000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
102 10/02
SIKOREL 125 °C
B41554
Specifications and characteristics in brief
Ripple current capability
Due to the ripple current capability of the contact elements, the following current upper limits must
not be exceeded:
Rated voltage
UR
Surge voltage
US
16 …
100 VDC
1,15 ·
UR
Rated capacitance
CR
Capacitance tolerance
1 500 …
220 000
µF
– 10/+ 30 %
Q
Leakage current
IL
(5 min, 20 ° C)
Self-inductance
ESL
d = 35,7 mm: approx. 10 nH
d = 51,6 mm: approx. 15 nH
d
≥ 64,3 mm: approx. 20 nH
Useful life
d
≤ 51,6 mm d ≥ 64,3 mm Requirements:
125 ° C;
UR; I~R
85 ° C;
UR; I~max
40 ° C;
UR; 3,4 · I~R
40 ° C;
UR; 3,8 · I~R
>
2 500 h
> 15 000 h
> 200 000 h
>
5 000 h
> 25 000 h
> 200 000 h
C/C
≤ ± 45 % of initial value
ESR
≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure
percentage:
≤ 1 %
Failure rate:
≤ 20 fit (≤ 20 · 10– 9/h)
(for definiton “fit”,
refer to chapter
“Quality”, page 62)
Voltage endurance test
125 ° C;
UR; I~R
2 000 h
Post test requirements:
C/C
≤ ± 15 % of initial value
ESR
≤ 1,3 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
in accordance with IEC 68-2-6, test Fc:
displacement amplitude 0,75 mm, frequency range 10 to 55 Hz,
acceleration max. 10
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
55/125/56 (– 55 ° C/+ 125 ° C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-804
IEC 60384-4
Capacitor diameter
≤ 51,6 mm
> 51,6 mm
I~max
30 A
40 A
I
L
0,3
µA
C
R
µF
-------
U
R
V
-------
èø
æö
0,7
4
µA
+


Similar Part No. - B41554E5339Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41554E5339Q000 EPCOS-B41554E5339Q000 Datasheet
440Kb / 17P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41554E5339Q000 TDK-B41554E5339Q000 Datasheet
415Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B41554E5339Q000

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP264 POWERINT-TOP264_11 Datasheet
3Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP270KG-TL POWERINT-TOP270KG-TL Datasheet
2Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP264-271 POWERINT-TOP264-271 Datasheet
3Mb / 36P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
   Professional Tools for Professional Results
logo
PHOENIX CONTACT
2522 PHOENIX-2522 Datasheet
185Kb / 3P
   VARIOFACE Professional for power distribution
05/2009
logo
Power Integrations, Inc...
TOP264 POWERINT-TOP264_V01 Datasheet
2Mb / 40P
   Integrated Off-Line Switcher with EcoSmart™ Technology for Highly Efficient Power Supplies
May 2015
logo
List of Unclassifed Man...
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
   Professional Handcrimpwerkzeug Professional hand crimp tool
logo
OSRAM GmbH
GDPSLR31.13 OSRAM-GDPSLR31.13 Datasheet
1Mb / 21P
   Professional downlights
logo
PHOENIX CONTACT
2810230 PHOENIX-2810230 Datasheet
110Kb / 6P
   Highly-compact repeater power supplies for electrical isolation, amplification, and filtering of standard analog signals
logo
Advantech Co., Ltd.
PS-700ATX-ZE ADVANTECH-PS-700ATX-ZE Datasheet
130Kb / 1P
   Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com