Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25856K1106K003 Datasheet(PDF) 4 Page - EPCOS

Part # B25856K1106K003
Description  MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25856K1106K003 Datasheet(HTML) 4 Page - EPCOS

  B25856K1106K003 Datasheet HTML 1Page - EPCOS B25856K1106K003 Datasheet HTML 2Page - EPCOS B25856K1106K003 Datasheet HTML 3Page - EPCOS B25856K1106K003 Datasheet HTML 4Page - EPCOS B25856K1106K003 Datasheet HTML 5Page - EPCOS B25856K1106K003 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Please read
Cautions and warnings and
4
09/05
Important notes at the end of this document.
MKV AC, MKV DC Capacitors
LSI Snubbering and Clamping
B25856
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
RS
20
°C
m
Ω
Lself
nH
Dimensions
d
× l
mm
Fig. Appr.
weight
g
Ordering code
VRDC = AC 1700 V
VR = AC 1400 V
= 2000 V
vs = 2900 V
VTT = AC 1800 V, 10 s
0.2
30
200
500 3.1
<20
40
× 49
1
130
B25856K0204K003
0.47
80
470
1200 1.0
<20
68
× 49
1
300
B25856J0474K003
1
60
1400
3500 1.6
<20
53
× 59
1
200
B25856K0105K003
1.5
80
1400
3500 1.1
<20
68
× 68
2
500
B25856K0155K003
2
70
2000
5000 1.5
<20
68
× 79
2
550
B25856K0205K003
4
70
2400
6000 1.8
<20
73
× 100
2
700
B25856K0405K003
7.5
80
3000
7500 1.0
<20
93
× 100
2
1000
B25856K0755K003
15
80
3000
7500 2.0
<20
93
× 168
2
1600
B25856K0156K003
VRDC = AC 2000 V
VR = AC 1700 V
= 2400 V
vs = 3500 V
VTT = AC 2200 V, 10 s
0.2
30
350
900 6.0
<20
40
× 59
1
150
B25856K4204K003
0.5
50
600
1500 1.1
<20
68
× 49
1
300
B25856K4504K013
1
50
1200
3000 2.4
<20
53
× 70
1
250
B25856K4105K003
2.5
80
3000
7500 1.0
<20
83
× 79
2
700
B25856K4255K003
7.5
80
4200
10500 1.4
<20
93
× 126
2
1250
B25856K4755K003
VRDC = AC 2500 V
VR = AC 2100 V
= 3000 V
vs = 4300 V
VTT = AC 2700 V, 10 s
0.2
30
500
1200 6.1
<20
40
× 70
1
160
B25856K1204K003
1.5
80
3600
9000 0.9
<20
83
× 79
2
700
B25856K1155K003
2.5
80
3500
8800 1.3
<20
83
× 100
2
850
B25856K1255K003
5
80
5000
12500 1.5
<20
93
× 142
2
1400
B25856K1505K003
7.5
80
5000
13000 1.8
<20
98
× 173
2
1800
B25856K1755K003
10
80
6800
17000 1.4
<20 108
× 173
2
2200
B25856K1106K003
1) Other capacitance values upon request


Similar Part No. - B25856K1106K003

ManufacturerPart #DatasheetDescription
logo
3M Electronics
B258 3M-B258 Datasheet
83Kb / 4P
   3M??Fire Barrier Block B258
B258 3M-B258 Datasheet
83Kb / 4P
   Fire Protection Products
logo
EPCOS
B2581 EPCOS-B2581 Datasheet
88Kb / 6P
   Spectrum Shaping Filter
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4106K009 EPCOS-B25832C4106K009 Datasheet
276Kb / 10P
   MKV AC capacitors
More results

Similar Description - B25856K1106K003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4105K001 EPCOS-B25832F4105K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25834 EPCOS-B25834 Datasheet
303Kb / 12P
   MKV AC capacitors
B25835 EPCOS-B25835 Datasheet
174Kb / 8P
   MKV AC capacitors
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836-A6926-A372 EPCOS-B25836-A6926-A372 Datasheet
33Kb / 1P
   MKV-Capacitor
B25836-A4197-A372 EPCOS-B25836-A4197-A372 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836-A5456-A3X2 EPCOS-B25836-A5456-A3X2 Datasheet
33Kb / 1P
   MKV-Capacitor
B25836-A4996-A372 EPCOS-B25836-A4996-A372 Datasheet
33Kb / 1P
   MKV-Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com