Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59069B1080B051 Datasheet(PDF) 3 Page - EPCOS

Part # B59069B1080B051
Description  Overcurrent protection in telecom equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59069B1080B051 Datasheet(HTML) 3 Page - EPCOS

  B59069B1080B051 Datasheet HTML 1Page - EPCOS B59069B1080B051 Datasheet HTML 2Page - EPCOS B59069B1080B051 Datasheet HTML 3Page - EPCOS B59069B1080B051 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General technical data
Rated voltage
VR
60
VDC
Max. switching voltage
VSmax
265
VAC
Tolerance of R R
∆R
R
±20
%
Operating temperature range
(V = 0)
Top
25/+125
°C
(V = 230 V)
Top
0/+60
°C
Electrical specifications and ordering codes
Type
RR
R25,match
(per
packing
unit)
IR
@
25
°C
mA
IR
@
40
°C
mA
IS
@
25
°C
mA
ISmax
@
230 VAC
A
tS
@ ISmax,
230 VAC
s
Ordering code
Leads = kinked
B1012
12
±0.5
100
85
300
1.0
< 2.0
B59012B1080A151
B1042
10
±0.5
150
135
300
1.0
< 7.0
B59042B1120B151
B1048
6
±0.4
150
120
250
2.5
< 1.8
B59048B1080B151
B1084
20
±0.25
145
100
250
3.0
< 0.2
B59084B1120A151
B1610
10
not
matched
150
135
300
10.0
< 0.2
B59610B1120A070
Leads = straight
B1012
12
±0.5
100
85
300
1.0
< 2.0
B59012B1080A153
B1042
10
±0.5
150
135
300
1.0
< 7.0
B59042B1120B153
B1048
6
±0.4
150
120
250
2.5
< 1.8
B59048B1080B153
B1069
25
not
matched
85
75
170
1.0
< 0.7
B59069B1120A051
B1069
25
not
matched
55
45
110
1.0
< 0.4
B59069B1080B051
B1084
20
±0.25
145
100
250
3.0
< 0.2
B59084B1120A153
Telecom
B59***
MDF Applications, Leaded Disks
B1***
3


Similar Part No. - B59069B1080B051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59069B1080B051 EPCOS-B59069B1080B051 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
More results

Similar Description - B59069B1080B051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59450T1120A062 EPCOS-B59450T1120A062 Datasheet
226Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
B59081G1120A161 EPCOS-B59081G1120A161 Datasheet
231Kb / 11P
   PTC thermistors for overcurrent protection in telecom applications
B59093A0080B110 EPCOS-B59093A0080B110 Datasheet
190Kb / 8P
   PTC thermistors for overcurrent protection in telecom applications
B59805C1080A151 EPCOS-B59805C1080A151 Datasheet
224Kb / 12P
   PTC thermistors for overcurrent protection in telecom applications
B59535T1120A262 EPCOS-B59535T1120A262 Datasheet
302Kb / 13P
   PTC thermistors for overcurrent protection in telecom applications
B59970T1100A062 EPCOS-B59970T1100A062 Datasheet
210Kb / 9P
   PTC thermistors for overcurrent protection in telecom applications
logo
STMicroelectronics
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
   TELECOM EQUIPMENT PROTECTION TRISIL
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
   OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com