Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57501K0682A002 Datasheet(PDF) 2 Page - EPCOS

Part # B57501K0682A002
Description  Evaporator sensor for air conditioning systems
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57501K0682A002 Datasheet(HTML) 2 Page - EPCOS

  B57501K0682A002 Datasheet HTML 1Page - EPCOS B57501K0682A002 Datasheet HTML 2Page - EPCOS B57501K0682A002 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
119 05/02
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 100
°C
t: 1000 h
< 2 %
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-3
Temperature of air: 40
°C
Relative humidity of air: 93 %
Duration: 56 days
< 2 %
No visible
damage
Storage in coldness
Storage at lower
category temperature
T: – 30
°C
t: 1000 h
< 2 %
No visible
damage
Rapid temperature
cycling (in fluid)
IEC
60068-2-14
Lower test temperature: 0
°C
Upper test temperature: 100
°C
Time to change from lower to
upper temperature: < 30 s
Number of cycles: 1000
Medium: oil
< 2 %
No visible
damage
Vibration
resistance
IEC
60068-2-6
Frequency range: 5 to 500 Hz
Amplitude: 7,5 mm/2 g
Duration: 3
× 8 h
< 3 %
No visible
damage
Long-term stability
(empirical value)
T: 100
°C
t: 10 000 h
< 3 %
No visible
damage
Voltage proof test
1500 Vac;
1 s
No flashover
Insulation test
The sensors are placed in a
vessel containing metallic balls
of 1 mm diameter (with total
immersed head). The applied
voltage is 100 Vdc.
Above
100 M
B57500 / B57501
Temperature Measurement
K500 / K501
Probe Assemblies


Similar Part No. - B57501K0682A002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57501K0682A002 EPCOS-B57501K0682A002 Datasheet
251Kb / 10P
   NTC thermistors for temperature measurement
More results

Similar Description - B57501K0682A002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57500M0103A005 EPCOS-B57500M0103A005 Datasheet
61Kb / 3P
   Air sensor for air conditioning
B57867S0202 EPCOS-B57867S0202 Datasheet
61Kb / 3P
   Heating and air conditioning systems
B57863S0302 EPCOS-B57863S0302 Datasheet
61Kb / 3P
   Heating and air conditioning systems
B57869S0302 EPCOS-B57869S0302 Datasheet
61Kb / 3P
   Heating and air conditioning systems
logo
Sciosense B.V.
DPS1 SCIOSENSE-DPS1 Datasheet
1Mb / 2P
   Automotive HVAC Air Duct Dewpoint Sensor for Optimal Evaporator Control
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
EXCEL CELL ELECTRONIC C...
2T25X4 ECE-2T25X4 Datasheet
726Kb / 2P
   Air Conditioning Damper Actuator
logo
STMicroelectronics
AN4451 STMICROELECTRONICS-AN4451 Datasheet
355Kb / 15P
   Signal conditioning for a UV sensor
logo
NXP Semiconductors
UZZ9001 PHILIPS-UZZ9001 Datasheet
81Kb / 16P
   Sensor Conditioning Electronic
2000 Nov 27
UZZ9000 PHILIPS-UZZ9000 Datasheet
56Kb / 8P
   Sensor Conditioning Electronics
1998 May 18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com