Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37923K5100B060 Datasheet(PDF) 8 Page - EPCOS

Part # B37923K5100B060
Description  Ultra-low ESR and high Q factor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37923K5100B060 Datasheet(HTML) 8 Page - EPCOS

Back Button B37923K5100B060 Datasheet HTML 4Page - EPCOS B37923K5100B060 Datasheet HTML 5Page - EPCOS B37923K5100B060 Datasheet HTML 6Page - EPCOS B37923K5100B060 Datasheet HTML 7Page - EPCOS B37923K5100B060 Datasheet HTML 8Page - EPCOS B37923K5100B060 Datasheet HTML 9Page - EPCOS B37923K5100B060 Datasheet HTML 10Page - EPCOS B37923K5100B060 Datasheet HTML 11Page - EPCOS B37923K5100B060 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Multilayer Ceramic Capacitors
125 10/02
HQF
Typical RF performance for HQF capacitors, case size 0402, 50 VDC
Capacitance
pF
fres1)
MHz
ESR @ 1 GHz2)
m
W
Q @ 1 GHz2)
ESR @ fres 2)
m
W
0,3
23400
560
920
710
0,4
20350
490
805
605
0,5
19700
440
720
535
0,6
17400
405
650
485
0,7
15100
375
600
445
0,8
14450
355
560
415
0,9
12600
335
520
385
1,0
12000
320
490
365
1,2
10600
295
440
330
1,5
8900
265
390
290
1,8
7100
245
350
265
2,2
6400
225
310
235
2,7
6000
205
275
210
3,3
5500
185
245
190
3,9
5350
170
225
175
4,7
4650
155
200
155
5,6
3950
145
175
140
6,8
4100
130
155
125
8,2
3650
120
140
115
10
3350
110
120
105
12
3350
102
104
94
15
2600
92
88
82
18
2300
84
70
74
22
2200
78
56
66
1) Measured with impedance analyser E 4991A, parts not soldered.
2) Measured with network analyser HP 8753D, parts soldered.
HQF; 0402


Similar Part No. - B37923K5100B060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
More results

Similar Description - B37923K5100B060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
   High Capacitance and Ultra-Low ESR
logo
Cornell Dubilier Electr...
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
300 CDE-300_17 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
logo
List of Unclassifed Man...
600F0R3AT250XT ETC2-600F0R3AT250XT Datasheet
345Kb / 5P
   Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
logo
MERITEK ELECTRONICS COR...
UQ MERITEK-UQ Datasheet
330Kb / 7P
   High Q and low ESR performance at high frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com