Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYP54 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # BYP54
Description  25A Silicon Power Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYP54 Datasheet(HTML) 5 Page - Zetex Semiconductors

  BYP54 Datasheet HTML 1Page - Zetex Semiconductors BYP54 Datasheet HTML 2Page - Zetex Semiconductors BYP54 Datasheet HTML 3Page - Zetex Semiconductors BYP54 Datasheet HTML 4Page - Zetex Semiconductors BYP54 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BYP53 / BYP54
Packaging details
Package dimensions
Dimensions in millimeters are control dimensions, dimensions in inches are approximate
DIM
Millimeters
Inches
MIN
TYP
MAX
MIN
TYP
MAX
A
18,00
18,50
19,00
0,709
0,728
0,748
A1
5,90
6,10
6,30
0,232
0,240
0,248
A2
2,10
2,30
2,50
0,083
0,091
0,098
D
15,50
15,70
15,90
0,610
0,618
0,626
D1
12,72
12,77
12,82
0,501
0,503
0,505
D2
11,50
11,70
11,90
0,453
0,461
0,469
D3
1,33
1,36
1,39
0,052
0,054
0,055
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Issue 4 – September 2006
5
www.zetex.com
© Zetex Semiconductors plc 2006


Similar Part No. - BYP54

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYP57-100 ZETEX-BYP57-100 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
logo
Diodes Incorporated
BYP57-100 DIODES-BYP57-100 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYP57-150 ZETEX-BYP57-150 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
More results

Similar Description - BYP54

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
   25A Silicon Power Rectifier Diode
logo
Sanyo Semicon Device
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N5829 NAINA-1N5829 Datasheet
123Kb / 2P
   Schottky Power Diode, 25A
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
   Schottky Power Diode, 25A
logo
NTE Electronics
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR), 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
   25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com