Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT0805M6CCG Datasheet(PDF) 2 Page - EPCOS

Part # CT0805M6CCG
Description  Multilayer technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT0805M6CCG Datasheet(HTML) 2 Page - EPCOS

  CT0805M6CCG Datasheet HTML 1Page - EPCOS CT0805M6CCG Datasheet HTML 2Page - EPCOS CT0805M6CCG Datasheet HTML 3Page - EPCOS CT0805M6CCG Datasheet HTML 4Page - EPCOS CT0805M6CCG Datasheet HTML 5Page - EPCOS CT0805M6CCG Datasheet HTML 6Page - EPCOS CT0805M6CCG Datasheet HTML 7Page - EPCOS CT0805M6CCG Datasheet HTML 8Page - EPCOS CT0805M6CCG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
118 04/02
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
CT0603M4G
B72500T0040M060
4
5,5
30
0,1
0,003
CT0805M4G
B72510T0040M062
4
5,5
100
0,1
0,005
CT1206M4G
B72520T0040M062
4
5,5
150
0,3
0,008
CT1210M4G
B72530T0040M062
4
5,5
250
0,4
0,010
CT1812M4G
B72580T0040M062
4
5,5
500
0,8
0,015
CT2220M4G
B72540T0040M062
4
5,5
1000
1,4
0,020
CT0603M6G
B72500T0060M060
6
8
30
0,1
0,003
CT0805M6G
B72510T0060M062
6
8
120
0,2
0,005
CT0805M6CCG B72510T5060M062
6
8
120
0,2
0,005
CT1206M6G
B72520T0060M062
6
8
200
0,4
0,008
CT1210M6G
B72530T0060M062
6
8
300
0,7
0,010
CT1812M6G
B72580T0060M062
6
8
500
1,0
0,015
CT2220M6G
B72540T0060M062
6
8
1200
3,6
0,020
CT0603M7G
B72500T0070M060
7
9
30
0,1
0,003
CT0603L8G
B72500T0080L060
8
11
30
0,1
0,003
CT0805L8G
B72510T0080L062
8
11
120
0,2
0,005
CT1206L8G
B72520T0080L062
8
11
200
0,5
0,008
CT1210L8G
B72530T0080L062
8
11
400
1,0
0,010
CT1812L8G
B72580T0080L062
8
11
800
1,8
0,015
CT2220L8G
B72540T0080L062
8
11
1200
4,2
0,020
CT0603K11G
B72500T0110K060
11
14
30
0,2
0,003
CT0805K11G
B72510T0110K062
11
14
120
0,2
0,005
CT1206K11G
B72520T0110K062
11
14
200
0,5
0,008
CT1210K11G
B72530T0110K062
11
14
400
1,2
0,010
CT1812K11G
B72580T0110K062
11
14
800
1,9
0,015
CT2220K11G
B72540T0110K062
11
14
1200
5,4
0,020
CT0402L14G
B72590T0140L060
14
16
10
0,01
0,003
CT0603K14G
B72500T0140K060
14
18
30
0,2
0,003
CT0805K14G
B72510T0140K062
14
18
120
0,3
0,005
CT1206K14G
B72520T0140K062
14
18
200
0,5
0,008
CT1210K14G
B72530T0140K062
14
18
400
1,5
0,010
CT1812K14G
B72580T0140K062
14
18
800
2,3
0,015
CT2220K14G
B72540T0140K062
14
18
1200
5,8
0,020
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors


Similar Part No. - CT0805M6CCG

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT0805M17GK2 EPCOS-CT0805M17GK2 Datasheet
1Mb / 81P
   Ceramic transient voltage suppressors
More results

Similar Description - CT0805M6CCG

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500T1140S260 EPCOS-B72500T1140S260 Datasheet
94Kb / 5P
   Multilayer technology
B72580T0600S172 EPCOS-B72580T0600S172 Datasheet
91Kb / 5P
   Multilayer technology MLV; Telecom Series
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7319TRPBF IRF-IRF7319TRPBF Datasheet
229Kb / 10P
   GenarafionV Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
International Rectifier
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
   AutoBaud Technology
logo
List of Unclassifed Man...
SFC4000 ETC2-SFC4000 Datasheet
436Kb / 15P
   CMOSens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com