Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82422-A1392-+100 Datasheet(PDF) 4 Page - EPCOS

Part # B82422-A1392-+100
Description  Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422-A1392-+100 Datasheet(HTML) 4 Page - EPCOS

  B82422-A1392-+100 Datasheet HTML 1Page - EPCOS B82422-A1392-+100 Datasheet HTML 2Page - EPCOS B82422-A1392-+100 Datasheet HTML 3Page - EPCOS B82422-A1392-+100 Datasheet HTML 4Page - EPCOS B82422-A1392-+100 Datasheet HTML 5Page - EPCOS B82422-A1392-+100 Datasheet HTML 6Page - EPCOS B82422-A1392-+100 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
102 04/00
Characteristics and ordering codes
1) Closer tolerances and special versions upon request.
2) Replace the + by the code letter for the required inductance tolerance.
For reel size
∅ 330 mm append code number »8«. Example: B82422-A3829-K108
LR
µH
Toler-
ance1)
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code2)
(
∅ 180-mm reel)
Core material: ceramics
0,0082
± 5 %
J
± 10 %
K
10
20
100
800
0,08
4000
B82422-A3829-+100
0,010
10
20
100
750
0,09
4000
B82422-A3100-+100
0,012
10
25
100
700
0,10
3500
B82422-A3120-+100
0,015
10
27
100
640
0,12
3000
B82422-A3150-+100
0,018
10
30
100
640
0,12
2500
B82422-A3180-+100
0,022
10
30
100
600
0,14
2500
B82422-A3220-+100
0,027
10
23
50
600
0,14
1850
B82422-A3270-+100
0,033
10
20
50
540
0,17
1700
B82422-A3330-+100
0,039
10
25
50
530
0,18
1450
B82422-A3390-+100
0,047
10
26
50
510
0,19
1350
B82422-A3470-+100
0,056
10
26
50
500
0,20
1200
B82422-A3560-+100
0,068
10
27
50
480
0,21
1150
B82422-A3680-+100
0,082
10
27
50
450
0,24
1050
B82422-A3820-+100
0,10
10
25
50
440
0,26
1000
B82422-A3101-+100
0,12
1
22
30
400
0,32
880
B82422-A3121-+100
0,15
1
25
30
390
0,33
850
B82422-A3151-+100
0,18
1
25
30
360
0,38
800
B82422-A3181-+100
0,22
1
25
30
280
0,64
700
B82422-A3221-+100
0,27
1
20
30
235
0,90
650
B82422-A3271-+100
0,33
1
22
30
200
1,3
580
B82422-A3331-+100
0,39
1
22
30
190
1,4
540
B82422-A3391-+100
0,47
1
22
30
150
2,2
480
B82422-A3471-+100
0,56
1
22
30
150
2,2
400
B82422-A3561-+100
0,68
1
22
30
145
2,4
280
B82422-A3681-+100
0,82
1
22
30
140
2,5
240
B82422-A3821-+100
^
^
B82422-A****-+100
SMT Inductors, SIMID Series
SIMID 1210-100


Similar Part No. - B82422-A1392-+100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422-A1392-++ EPCOS-B82422-A1392-+ Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
More results

Similar Description - B82422-A1392-+100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
   Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
SIMID EPCOS-SIMID Datasheet
125Kb / 8P
   Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
   High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com