Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT0603M7G Datasheet(PDF) 1 Page - EPCOS

Part # CT0603M7G
Description  Multilayer technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT0603M7G Datasheet(HTML) 1 Page - EPCOS

  CT0603M7G Datasheet HTML 1Page - EPCOS CT0603M7G Datasheet HTML 2Page - EPCOS CT0603M7G Datasheet HTML 3Page - EPCOS CT0603M7G Datasheet HTML 4Page - EPCOS CT0603M7G Datasheet HTML 5Page - EPCOS CT0603M7G Datasheet HTML 6Page - EPCOS CT0603M7G Datasheet HTML 7Page - EPCOS CT0603M7G Datasheet HTML 8Page - EPCOS CT0603M7G Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
117 04/02
Construction
I Multilayer technology
I Termination: nickel barrier (CT series) or silver palladium (CN series)
or silver platinum (only for CN0402 … K2)
I No plastic or epoxy encapsulation assures better than UL 94 V-0 flammability rating
Features
I Sizes 0402 … 2220
I Suitable for ESD protection
I Surge currents up to 1200 A
I Bidirectional clamping
I Operating temperatures up to 125
°C
I Types with controlled capacitance available
I Good solderability
I PSpice models
Taping
I Supply on 8/12-mm tape, for tape dimensions see pages 154/155,
for reel dimensions and packing units see page 157, chapter “SMD Varistors: Taping”
Type designation
Detailed description of coding system on page 39, chapter “General Technical Information”
General technical data
1) For mounted parts (storage conditions for unused parts on reel see page 38, chapter “General Technical Information”)
Climatic category
LCT
UCT
Damp heat, steady state
(93 % r.h., 40
°C)
55/125/56 (55/85/56)
– 55
°C
+ 85
°C (CT/CN0402 … 0603)
+ 125
°C (CT/CN0805 … 2220)
56 days
in acc. with IEC 60068-1
in acc. with IEC 60068-2-3
Operating temperature
– 55 … + 85
°C CT/CN0402 … 0603 in acc. with CECC 42 000
– 55 … + 125
°C CT/CN0805 … 2220 in acc. with CECC 42 000
Storage temperature 1)
– 55 … + 150
°C CT/CN0805 … 2220
– 55 … + 125
°C CT/CN0402 … 0603
Response time
< 0,5 ns
Solderability
235
°C, 2 s
in acc. with IEC 60068-2-58
Resistance to soldering heat 260
°C, 10 s
in acc. with IEC 60068-2-58
SIOV-CT 0603 M 4 G
EPCOS metal oxide varistor
Design
Size (nominal)
Taping mode
Max. AC operating voltage
Tolerance of varistor voltage
SMD Varistors
MLV; Standard Series


Similar Part No. - CT0603M7G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT0603M17GK2 EPCOS-CT0603M17GK2 Datasheet
1Mb / 81P
   Ceramic transient voltage suppressors
More results

Similar Description - CT0603M7G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500T1140S260 EPCOS-B72500T1140S260 Datasheet
94Kb / 5P
   Multilayer technology
B72580T0600S172 EPCOS-B72580T0600S172 Datasheet
91Kb / 5P
   Multilayer technology MLV; Telecom Series
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7319TRPBF IRF-IRF7319TRPBF Datasheet
229Kb / 10P
   GenarafionV Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
International Rectifier
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
   AutoBaud Technology
logo
List of Unclassifed Man...
SFC4000 ETC2-SFC4000 Datasheet
436Kb / 15P
   CMOSens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com