Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZP61-22 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # BZP61-22
Description  Silicon Power Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BZP61-22 Datasheet(HTML) 3 Page - Zetex Semiconductors

  BZP61-22 Datasheet HTML 1Page - Zetex Semiconductors BZP61-22 Datasheet HTML 2Page - Zetex Semiconductors BZP61-22 Datasheet HTML 3Page - Zetex Semiconductors BZP61-22 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZP61 / BZP62
Electrical characteristics
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
BZP61-22
BZP62-22
20.8
22
23.3
BZP61-27
BZP62-27
25.1
27
28.9
BZP61-33
BZP62-33
31
33
35
Z-voltage
BZP61-39
BZP62-39
VZ
37
39
41
V
at IZ = 100mA
Forward voltage
VF
-
1.0
1.1
V
IF = 35 A,
measuring time
1ms
Reverse current
IR
-
-
200
µA
at VZ –5V
BZP61-22
BZP62-22
-
-
2
BZP61-27
BZP62-27
-
-
3.5
BZP61-33
BZP62-33
-
-
5
Dynamical
resistance
BZP61-39
BZP62-39
rZ
-
-
6
at IZ = 100mA
BZP61-22
BZP62-22
-
-
200
BZP61-27
BZP62-27
-
-
350
BZP61-33
BZP62-33
-
-
500
Dynamical
resistance
(information
value)
BZP61-39
BZP62-39
rZ
-
-
700
mΩ
at IZ = 1A
BZP61-22
BZP62-22
-
-
20
BZP61-27
BZP62-27
-
-
35
BZP61-33
BZP62-33
-
-
50
Dynamical
resistance
(information
value)
BZP61-39
BZP62-39
rZ
-
-
80
mΩ
at IZ = 10A
Issue 2 – August 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006


Similar Part No. - BZP61-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZP650 ETC1-BZP650 Datasheet
1Mb / 25P
   BZP650
More results

Similar Description - BZP61-22

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BZV61 ZETEX-BZV61 Datasheet
198Kb / 4P
   Silicon Power Zener Diode
logo
Shenzhen Taychipst Elec...
ZY11 TAYCHIPST-ZY11 Datasheet
8Mb / 3P
   SILICON POWER ZENER DIODE
logo
Diodes Incorporated
ZPU100 DIODES-ZPU100 Datasheet
57Kb / 2P
   SILICON POWER ZENER DIODE
DS21405 Rev.D-3
ZY11 DIODES-ZY11 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
ZPY1 DIODES-ZPY1 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com