Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41554E9688Q000 Datasheet(PDF) 3 Page - EPCOS

Part # B41554E9688Q000
Description  Highly professional power supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41554E9688Q000 Datasheet(HTML) 3 Page - EPCOS

  B41554E9688Q000 Datasheet HTML 1Page - EPCOS B41554E9688Q000 Datasheet HTML 2Page - EPCOS B41554E9688Q000 Datasheet HTML 3Page - EPCOS B41554E9688Q000 Datasheet HTML 4Page - EPCOS B41554E9688Q000 Datasheet HTML 5Page - EPCOS B41554E9688Q000 Datasheet HTML 6Page - EPCOS B41554E9688Q000 Datasheet HTML 7Page - EPCOS B41554E9688Q000 Datasheet HTML 8Page - EPCOS B41554E9688Q000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
103 10/02
SIKOREL 125 °C
B41554
Dimensional drawings
Dimensions and weights
Packing
For ecological reasons the packing is pure cardboard.
Accessories
The following items are included in the delivery package, but are not fastened to the capacitors:
The following must be ordered separately:
Ring clips
B 44 030 (cf. page 169)
Clamps for capacitors with
d
≥ 64,3 mm
B 44 030 (cf. page 173)
Terminal
Dimensions (mm) with insulating sleeve
Approx.
wt. (g)
dI
± 1
I1 ± 1
I3
d2 max a
+ 0,2
– 0,4
M 5
M 5
M 5
35,7+ 0/– 0,8
35,7+ 0/– 0,8
35,7+ 0/– 0,8
55,7
80,7
105,7
62,0
87,0
112,0
7,0+ 0,2/– 1
7,0+ 0,2/– 1
7,0+ 0,2/– 1
8,2
8,2
8,2
12,7
12,7
12,7
65
105
135
M 5
51,6+ 0/– 0,8
80,7
87,0
7,0+ 0,2/– 1
8,2
22,2
220
M 5
64,3+ 0/– 0,8
105,7
112,0
7,0+ 0,2/– 1
8,2
28,5
440
M 5
M 5
76,9+ 0/– 0,7
76,9+ 0/– 0,7
105,7
143,2
112,0
149,5
7,0+ 0,2/– 1
7,0+ 0,2/– 1
8,2
8,2
31,7
31,7
540
840
Capacitor diameter
d
Packing units (pieces)
Capacitor diameter
d
Packing units (pieces)
35,7 mm
51,6 mm
36
22
64,3 mm
76,9 mm
15
12
Thread
Toothed
washers
Screws/Nuts
Maximum
torque
For terminals
M 5
A 5,1 DIN 6797
Cylinder-head screw M 5
× 8 DIN 84-4.8 2 Nm
M5: Min. reach of screw = 8 mm
M6: Min. reach of screw = 12 mm
KAL0813-V-E
+
+
d
1
3
d = 35,7 mm
d
≥ 51,6 mm
Min. reach of screw = 8 mm
Min. reach of screw = 8 mm
KAL0813-V-E
Min. reach of screw = 8 mm


Similar Part No. - B41554E9688Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41554E9688Q000 EPCOS-B41554E9688Q000 Datasheet
440Kb / 17P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41554E9688Q000 TDK-B41554E9688Q000 Datasheet
415Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B41554E9688Q000

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP264 POWERINT-TOP264_11 Datasheet
3Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP270KG-TL POWERINT-TOP270KG-TL Datasheet
2Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP264-271 POWERINT-TOP264-271 Datasheet
3Mb / 36P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
   Professional Tools for Professional Results
logo
PHOENIX CONTACT
2522 PHOENIX-2522 Datasheet
185Kb / 3P
   VARIOFACE Professional for power distribution
05/2009
logo
Power Integrations, Inc...
TOP264 POWERINT-TOP264_V01 Datasheet
2Mb / 40P
   Integrated Off-Line Switcher with EcoSmart™ Technology for Highly Efficient Power Supplies
May 2015
logo
List of Unclassifed Man...
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
   Professional Handcrimpwerkzeug Professional hand crimp tool
logo
OSRAM GmbH
GDPSLR31.13 OSRAM-GDPSLR31.13 Datasheet
1Mb / 21P
   Professional downlights
logo
PHOENIX CONTACT
2810230 PHOENIX-2810230 Datasheet
110Kb / 6P
   Highly-compact repeater power supplies for electrical isolation, amplification, and filtering of standard analog signals
logo
Advantech Co., Ltd.
PS-700ATX-ZE ADVANTECH-PS-700ATX-ZE Datasheet
130Kb / 1P
   Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com