Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59209J0080A010 Datasheet(PDF) 3 Page - EPCOS

Part # B59209J0080A010
Description  Degaussing of picture tubes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59209J0080A010 Datasheet(HTML) 3 Page - EPCOS

  B59209J0080A010 Datasheet HTML 1Page - EPCOS B59209J0080A010 Datasheet HTML 2Page - EPCOS B59209J0080A010 Datasheet HTML 3Page - EPCOS B59209J0080A010 Datasheet HTML 4Page - EPCOS B59209J0080A010 Datasheet HTML 5Page - EPCOS B59209J0080A010 Datasheet HTML 6Page - EPCOS B59209J0080A010 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
126 10/02
Reliability data
Test
Standard
Test conditions
|
∆R25 /R25|
Switching test
at room temperature
IEC 60738-1
Vmax; RS
Room temperature
Number of cycles: 10000
< 20%
Life test at Vmax /Top
IEC 60738-1
Storage at Vmax /Top for
t : 1000 h
< 20%
Damp heat
IEC 60068-2-3
Storage at 40
°C
Relative humidity: 93 %
Duration: 56 days
< 20%
Rapid change
of temperature in air
IEC 60068-2-14,
Test Na
T = TLCT, T = TUCT
Number of cycles: 5
t : 30 min
< 20%
Vibration
IEC 60068-2-6,
Test FC
f = 10– 55– 10 Hz
h = 0,75 mm (respectively 10 g)
t : 3 · 2 h
< 20%
Bump
IEC 60068-2-27
Pulse shape: half-sine
a : = 40 g
Pulse duration: 6 ms; 6 · 4000 pulses
< 20%
Climatic sequence
IEC 60068-2-30
Dry heat: T = TUCT, t : 16 h
Damp heat first cycle
Cold: T = TLCT, t: 2 h
Damp heat 5 cycles
< 20%
B59***
J ***
Mono PTC Thermistors
Degaussing


Similar Part No. - B59209J0080A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59209C1060A140 EPCOS-B59209C1060A140 Datasheet
87Kb / 5P
   Degaussing of picture tubes
B59209T0080+010 EPCOS-B59209T0080+010 Datasheet
101Kb / 7P
   Degaussing of picture tubes
More results

Similar Description - B59209J0080A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59203C1060A140 EPCOS-B59203C1060A140 Datasheet
87Kb / 5P
   Degaussing of picture tubes
B59563T0060 EPCOS-B59563T0060 Datasheet
101Kb / 7P
   Degaussing of picture tubes
logo
World Produts Inc.
WPANTDP067-R1A WPI-WPANTDP067-R1A Datasheet
188Kb / 2P
   Picture of the Antenna
WPANTDP066-R1A WPI-WPANTDP066-R1A Datasheet
192Kb / 2P
   Picture of the Antenna
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
   Picture of the Part
logo
Siemens Semiconductor G...
SDA9088 SIEMENS-SDA9088 Datasheet
487Kb / 28P
   Picture-in-Picture Processor
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com