Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV61-22 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BZV61-22
Description  Silicon Power Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BZV61-22 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BZV61-22 Datasheet HTML 1Page - Zetex Semiconductors BZV61-22 Datasheet HTML 2Page - Zetex Semiconductors BZV61-22 Datasheet HTML 3Page - Zetex Semiconductors BZV61-22 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZV61 / BZV62
Silicon Power Zener Diode
Part no.
Issue 2 – August 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
Description
The BZV61/62 are hermetically sealed 35A-
forward current diodes, which are available in
different Zener voltages.
Features
Forward current 35A
Zener voltages 22V, 27V, 33V or 39V
Hermetic press-fit package
Available in different modifications of the
package
Applications
Power supplies
Rectifier diode in car alternators
Pinout details
BZV61: 1 – cathode; 2 - anode
BZV62: 1 – anode; 2 - cathode
Typical application circuit
exciting current
Alternator
+
-
3 x BZV61
3x BZV62
Ordering information
Device
Quantity per box
Options
BZV61-22; …; BZV61-39
500
BZV62-22; …; BZV62-39
500
The package quantities for the different package
modifications are included in
“PressFitPackageModifications.pdf”
Device marking
Devices are identified by type. Colour of marking: BZV61- black, BZV62 – red
422........................................……. date code 422 = 2004 week 22
ZETEX
BZV61………………………………... diode type
22………………………….……….. Zener voltage VZ (in V) 22
1
2


Similar Part No. - BZV61-22

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
BZV01 BULGIN-BZV01 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
BZV02/A0620/01 BULGIN-BZV02/A0620/01 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
BZV02/A0620/02 BULGIN-BZV02/A0620/02 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
BZV02/A0620/03 BULGIN-BZV02/A0620/03 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
BZV02/A0620/08 BULGIN-BZV02/A0620/08 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
More results

Similar Description - BZV61-22

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BZP61 ZETEX-BZP61 Datasheet
188Kb / 4P
   Silicon Power Zener Diode
logo
Shenzhen Taychipst Elec...
ZY11 TAYCHIPST-ZY11 Datasheet
8Mb / 3P
   SILICON POWER ZENER DIODE
logo
Diodes Incorporated
ZPU100 DIODES-ZPU100 Datasheet
57Kb / 2P
   SILICON POWER ZENER DIODE
DS21405 Rev.D-3
ZY11 DIODES-ZY11 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
ZPY1 DIODES-ZPY1 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com