Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59709J0060A110 Datasheet(PDF) 5 Page - EPCOS

Part # B59709J0060A110
Description  Degaussing of picture tubes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59709J0060A110 Datasheet(HTML) 5 Page - EPCOS

  B59709J0060A110 Datasheet HTML 1Page - EPCOS B59709J0060A110 Datasheet HTML 2Page - EPCOS B59709J0060A110 Datasheet HTML 3Page - EPCOS B59709J0060A110 Datasheet HTML 4Page - EPCOS B59709J0060A110 Datasheet HTML 5Page - EPCOS B59709J0060A110 Datasheet HTML 6Page - EPCOS B59709J0060A110 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
128 10/02
Characteristics
Typical curve of demagnetization current Iin,coil measured at VN
Coil resistance:
20
Ω (J 209, J 709), 10 Ω (J 120, J 104)
Ambient temperature: 25
°C
t
0
TPT0835-J
s
15
_
A
15
in, coil
Ι
J 209
10
_
5
_
10
5
0
0,05
0,10
0,15
0,20
t
0
TPT0836-S
s
15
_
A
15
in, coil
Ι
J 709
10
_
5
_
10
5
0
0,05
0,10
0,15
0,20
0,25
0,30
t
0
TPT0837-1
s
20
_
A
20
in, coil
Ι
J 120
15
_
10
_
5
_
10
5
0
0,05
0,10
0,15
0,20
t
0
TPT0838-9
s
20
_
A
20
in, coil
Ι
J 104
15
_
10
_
5
_
10
5
0
0,05
0,10
0,15
0,20
B59***
J ***
Mono PTC Thermistors
Degaussing


Similar Part No. - B59709J0060A110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59709T0060+110 EPCOS-B59709T0060+110 Datasheet
101Kb / 7P
   Degaussing of picture tubes
More results

Similar Description - B59709J0060A110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59203C1060A140 EPCOS-B59203C1060A140 Datasheet
87Kb / 5P
   Degaussing of picture tubes
B59563T0060 EPCOS-B59563T0060 Datasheet
101Kb / 7P
   Degaussing of picture tubes
logo
World Produts Inc.
WPANTDP067-R1A WPI-WPANTDP067-R1A Datasheet
188Kb / 2P
   Picture of the Antenna
WPANTDP066-R1A WPI-WPANTDP066-R1A Datasheet
192Kb / 2P
   Picture of the Antenna
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
   Picture of the Part
logo
Siemens Semiconductor G...
SDA9088 SIEMENS-SDA9088 Datasheet
487Kb / 28P
   Picture-in-Picture Processor
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com