Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYY57-700 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BYY57-700
Description  35A Silicon Power Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYY57-700 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BYY57-700 Datasheet HTML 1Page - Zetex Semiconductors BYY57-700 Datasheet HTML 2Page - Zetex Semiconductors BYY57-700 Datasheet HTML 3Page - Zetex Semiconductors BYY57-700 Datasheet HTML 4Page - Zetex Semiconductors BYY57-700 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYY57 / BYY58
Absolute maximum ratings
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Unit
Test condition
BYY57-75
BYY58-75
75
BYY57-100
BYY58-100
100
BYY57-150
BYY58-150
150
BYY57-200
BYY58-200
200
BYY57-300
BYY58-300
300
BYY57-400
BYY58-400
400
BYY57-500
BYY58-500
500
BYY57-600
BYY58-600
600
BYY57-700
BYY58-700
700
BYY57-800
BYY58-800
800
BYY57-900
BYY58-900
900
BYY57-1000
BYY58-1000
1000
BYY57-1100
BYY58-1100
1100
BYY57-1200
BYY58-1200
1200
BYY57-1300
BYY58-1300
1300
BYY57-1400
BYY58-1400
1400
Repetitive
peak
reverse
voltage
BYY57-1500
BYY58-1500
VRRM
1500
V
Tc = 150°C
Forward current, arithmetic value
IFAV
35
A
600
half-sine wave,
≤ 10 ms
Surge forward current
IFSM
500
A
TJ = 175°C half-sine
wave,
≤ 10 ms
1800
half-sine wave,
≤ 10 ms
Maximum rated value
∫i²dt
1250
A²s
TJ = 175°C half-sine
wave,
≤ 10 ms
Repetitive peak forward current
IFRM=π*IFAV
110
A
f = >15 Hz
Effective forward current
IFRMS
55
A
Junction temperature
TJmax
200
°C
Storage temperature range
Tstg
- 50 to + 175
°C
Issue 4 – September 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006


Similar Part No. - BYY57-700

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
BYY57A-100 ZETEX-BYY57A-100 Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
BYY57A-150 ZETEX-BYY57A-150 Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
BYY57A-200 ZETEX-BYY57A-200 Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
BYY57A-300 ZETEX-BYY57A-300 Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
More results

Similar Description - BYY57-700

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
logo
NTE Electronics
NTE5390 NTE-NTE5390 Datasheet
20Kb / 2P
   Silicon Bridge Rectifier, 35A
logo
Naina Semiconductor ltd...
MBR3545 NAINA-MBR3545 Datasheet
124Kb / 2P
   Schottky Power Diode, 35A
MBR3520 NAINA-MBR3520 Datasheet
123Kb / 2P
   Schottky Power Diode, 35A
logo
FutureWafer Tech Co.,Lt...
GBJ3504A FUTUREWAFER-GBJ3504A Datasheet
829Kb / 4P
   35A Bridge Rectifier
logo
Zetex Semiconductors
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
   25A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com