Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYY57-1300 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BYY57-1300
Description  35A Silicon Power Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYY57-1300 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BYY57-1300 Datasheet HTML 1Page - Zetex Semiconductors BYY57-1300 Datasheet HTML 2Page - Zetex Semiconductors BYY57-1300 Datasheet HTML 3Page - Zetex Semiconductors BYY57-1300 Datasheet HTML 4Page - Zetex Semiconductors BYY57-1300 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYY57 / BYY58
35A Silicon Power Rectifier Diode
Part no.
Description
The BYY57/58 are hermetically sealed 35A-
diodes, which are available in different reverse
voltage classes up to 1500V.
The diodes can be delivered with limited forward
voltage
and reverse current differences for
parallel connecting in rectifier stacks and back-
off-diodes
Features
Forward current 35A
Reverse voltage 75V – 1500V
Hermetic press-fit package
Available in different modifications of the
package
Applications
Power supplies
Rectifier diode in car generators
Rectifier bridges/stacks
Back-off-diodes
Pinout details
BYY57: 1 – cathode; 2 - anode
BYY58: 1 – anode; 2 - cathode
Typical application circuit
Six pulse
bridge
connection
~
~
~
3 x BYY57-1200
3 x BYY58-1200
+
-
1
2
Ordering information
Device
Quantity per box
Options
BYY57-75; …; BYY57-1500
500
BYY58-75; …; BYY58-1500
500
The package quantities for the different package
modifications are included in
“PressFitPackageModifications.pdf”
Device marking
Devices are identified by type. Colour of marking: BYY57- black, BYY58 – red
422........................................……. date code 422 = 2004 week 22
ZETEX
BYY57………………………………... diode type
400………………………………….. repetitive peak reverse voltage VRRM (in V) 400
Issue 4 – September 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006


Similar Part No. - BYY57-1300

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
BYY57A-100 ZETEX-BYY57A-100 Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
BYY57A-150 ZETEX-BYY57A-150 Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
BYY57A-200 ZETEX-BYY57A-200 Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
BYY57A-300 ZETEX-BYY57A-300 Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
More results

Similar Description - BYY57-1300

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
logo
NTE Electronics
NTE5390 NTE-NTE5390 Datasheet
20Kb / 2P
   Silicon Bridge Rectifier, 35A
logo
Naina Semiconductor ltd...
MBR3545 NAINA-MBR3545 Datasheet
124Kb / 2P
   Schottky Power Diode, 35A
MBR3520 NAINA-MBR3520 Datasheet
123Kb / 2P
   Schottky Power Diode, 35A
logo
FutureWafer Tech Co.,Lt...
GBJ3504A FUTUREWAFER-GBJ3504A Datasheet
829Kb / 4P
   35A Bridge Rectifier
logo
Zetex Semiconductors
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
   25A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com