Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59704T0080+110 Datasheet(PDF) 2 Page - EPCOS

Part # B59704T0080+110
Description  Degaussing of picture tubes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59704T0080+110 Datasheet(HTML) 2 Page - EPCOS

  B59704T0080+110 Datasheet HTML 1Page - EPCOS B59704T0080+110 Datasheet HTML 2Page - EPCOS B59704T0080+110 Datasheet HTML 3Page - EPCOS B59704T0080+110 Datasheet HTML 4Page - EPCOS B59704T0080+110 Datasheet HTML 5Page - EPCOS B59704T0080+110 Datasheet HTML 6Page - EPCOS B59704T0080+110 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
131 10/02
Replace + by A for hole arrangement A
Replace + by B for hole arrangement B
General technical data
Operating temperature range (V = 0)
Top
Operating temperature range (V = VN)
Top
– 25/+ 125
0/+ 60
°C
°C
Electrical specifications and ordering codes
Type
Iin,coil (0 s)
App
Ir,coil (180 s)
(V=VN, 25 °C ≤ Top ≤ 60 °C)
mApp
RN
Rcoil
Hou-
sing1)
De-
cay2)
Ordering code
Vmax = 140 VAC, VN = 110 VAC
T 563
≥ 30
≤ 43
≥ 5,5 D
-
B59563T0060+110
T 555
≥ 29
≤ 4
5
≥ 4,5 D
-
B59555T0060+110
Vmax = 270 VAC, VN = 230 VAC
T 705
≥ 24
≤ 5
4,5
≥ 20 D
-
B59705T0060+110
T 209
≥ 18
≤ 8
9
≥ 20 T
SD
B59209T0080+010
T 709
≥ 24
≤ 4
9
≥ 14 D
LD
B59709T0060+110
T 104
≥ 25
≤ 714
≥ 10 T
SD
B59104T0080+010
T 704
≥ 25
≤ 414
≥ 10 D
LD
B59704T0080+110
T 108
≥ 20
≤ 418
≥ 10 T
SD
B59108T0080+010
T 608
≥ 20
≤ 318
≥ 10 D
LD
B59608T0080+110
T 250
≥ 10
≤ 428
≥ 25 T
-
B59250T0080+010
TPT0608-A
A
B
C
5
e
TPT0549-6-E
Degaussing
coil
Case
BC
A
Coil PTC
Heater PTC
220 V~
Hole arrangement
TPT0607-2
A
B
C
2,5
e
A
B
Circuit diagram
VN
1) T: Thermoplast housing; D: Duroplast housing
2) SD: Standard decay behavior; LD: Long decay behavior
B59***
T ***
Dual PTC Thermistors
Degaussing


Similar Part No. - B59704T0080+110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59704J0080A110 EPCOS-B59704J0080A110 Datasheet
93Kb / 7P
   Degaussing of picture tubes
More results

Similar Description - B59704T0080+110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59203C1060A140 EPCOS-B59203C1060A140 Datasheet
87Kb / 5P
   Degaussing of picture tubes
B59563J0060A110 EPCOS-B59563J0060A110 Datasheet
93Kb / 7P
   Degaussing of picture tubes
logo
World Produts Inc.
WPANTDP067-R1A WPI-WPANTDP067-R1A Datasheet
188Kb / 2P
   Picture of the Antenna
WPANTDP066-R1A WPI-WPANTDP066-R1A Datasheet
192Kb / 2P
   Picture of the Antenna
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
   Picture of the Part
logo
Siemens Semiconductor G...
SDA9088 SIEMENS-SDA9088 Datasheet
487Kb / 28P
   Picture-in-Picture Processor
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com