Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43457A0228M000 Datasheet(PDF) 7 Page - EPCOS

Part # B43457A0228M000
Description  Uninterruptible power supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43457A0228M000 Datasheet(HTML) 7 Page - EPCOS

  B43457A0228M000 Datasheet HTML 1Page - EPCOS B43457A0228M000 Datasheet HTML 2Page - EPCOS B43457A0228M000 Datasheet HTML 3Page - EPCOS B43457A0228M000 Datasheet HTML 4Page - EPCOS B43457A0228M000 Datasheet HTML 5Page - EPCOS B43457A0228M000 Datasheet HTML 6Page - EPCOS B43457A0228M000 Datasheet HTML 7Page - EPCOS B43457A0228M000 Datasheet HTML 8Page - EPCOS B43457A0228M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
123 10/02
Standard 85 °C
B43455 / B43457
Useful life
depending on ambient temperature TA (for natural cooling) and versus temperature of case base TB
(for base cooling) under ripple current operating conditions1)
Frequency factor of
permissible ripple current I~
versus frequency f
0
40
50
60
70
80
90
AB
;
˚C
TT
100
3,0
2,0
1,5
1,0
0,5
B43455/457
KAL0526-9
(B)
R
~
ΙΙ
;
~
~
ΙΙ~
R
1) The ripple current refers to
I~R for natural cooling or to I~R(B) for base cooling, respectively.
Refer to page 40 for an explanation on how to interpret the useful life graphs.
KAL0394-V
0,8
f
0,9
1,0
1,1
1,2
1,3
1,5
10 2
2
10 3
5Hz
a
b
c
5
B43455/457
Ι
100 Hz
f
~
Ι ~
d (mm)
51,6
64,3
76,9
91,0
Curve
c
bac


Similar Part No. - B43457A0228M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43457A4159M000 EPCOS-B43457A4159M000 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43457A4159M003 EPCOS-B43457A4159M003 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43457A4568M000 EPCOS-B43457A4568M000 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43457A4568M003 EPCOS-B43457A4568M003 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43457A4688M000 EPCOS-B43457A4688M000 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B43457A0228M000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
Fairchild Semiconductor
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
   Uninterruptible Power Supply
logo
Nova Electric. All Righ...
GRSLPFC11-3K60 NOVA-GRSLPFC11-3K60 Datasheet
410Kb / 2P
   UNINTERRUPTIBLE POWER SYSTEM
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
Toshiba Semiconductor
T1000 TOSHIBA-T1000 Datasheet
8Mb / 118P
   UNINTERRUPTIBLE POWER SYSTEM (UPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com